Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C7300D Datasheet(PDF) 33 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 33 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 34Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 37Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 33 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
PI7C7300D can recognize fast back-to-back read transactions.
4.8
CONFIGURATION TRANSACTIONS
Configuration transactions are used to initialize a PCI system. Every PCI device
has a configuration space that is accessed by configuration commands. All registers are
accessible in configuration space only.
In addition to accepting configuration transactions for initialization of its own
configuration space, the PI7C7300D also forwards configuration transactions for device
initialization in hierarchical PCI systems, as well as for special cycle generation.
To support hierarchical PCI bus systems, two types of configuration transactions are
specified: Type 0 and Type 1.
Type 0 configuration transactions are issued when the intended target resides on the same
PCI bus as the initiator. A Type 0 configuration transaction is identified by the
configuration command and the lowest two bits of the address set to 00b.
Type 1 configuration transactions are issued when the intended target resides on another
PCI bus, or when a special cycle is to be generated on another PCI bus. A Type 1
configuration command is identified by the configuration command and the lowest two
address bits set to 01b.
The register number is found in both Type 0 and Type 1 formats and gives the DWORD
address of the configuration register to be accessed. The function number is also included
in both Type 0 and Type 1 formats and indicates which function of a multifunction
device is to be accessed. For single-function devices, this value is not decoded. The
addresses of Type 1 configuration transaction include a 5-bit field designating the device
number that identifies the device on the target PCI bus that is to be accessed. In addition,
the bus number in Type 1 transactions specifies the PCI bus to which the transaction is
targeted.
4.8.1
TYPE 0 ACCESS TO PI7C7300D
The configuration space is accessed by a Type 0 configuration transaction on the primary
interface. The configuration space cannot be accessed from the secondary bus. The
PI7C7300D responds to a Type 0 configuration transaction by asserting P_DEVSEL#
when the following conditions are met during the address phase:
The bus command is a configuration read or configuration write transaction.
Lowest two address bits P_AD[1:0] must be 00b.
Signal P_IDSEL must be asserted.
Function code is either 0 for configuration space of S1, or 1 for configuration space of S2
as PI7C7300D is a multi-function device.
PI7C7300D limits all configuration access to a single DWORD data transfer and returns
target-disconnect with the first data transfer if additional data phases are requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com