| Electronic Components Datasheet Search |
|
PI7C7300D Datasheet(PDF) 90 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C7300D Datasheet(HTML) 90 Page - Pericom Semiconductor Corporation |
|
90 / 107 page ![]() PI7C7300D 3-PORT PCI-TO-PCI BRIDGE Page 90 of 107 Pericom Semiconductor November 2005 - Revision 1.01 Bit Function Type Description 1 Primary MEMR Command Alias Enable R/W Controls PI7C7300D’s detection mechanism for matching memory read retry cycles from the initiator on the primary interface 0: exact matching for non-posted memory write retry cycles from initiator on the primary interface 1: alias MEMRL or MEMRM to MEMR for memory read retry cycles from the initiator on the primary interface Reset to 0 2 Primary MEMW Command Alias Enable R/W Controls PI7C7300D’s detection mechanism for matching non-posted memory write retry cycles from the initiator on the primary interface 0: exact matching for non-posted memory write retry cycles from initiator on the primary interface 1: alias MEMWI to MEMW for non-posted memory write retry cycles from initiator on the primary interface Reset to 0 3 Secondary MEMR Command Alias Enable R/W Controls PI7C7300D’s detection mechanism for matching memory read retry cycles from the initiator on S1 0: exact matching for memory read retry cycles from initiator on the S1 or S2 interface 1: alias MEMRL or MEMRM to MEMR for memory read retry cycles from initiator on the S1 or S2 interface Reset to 0 4 Secondary MEMW Command Alias Enable R/W Controls PI7C7300D’s detection mechanism for matching non-posted memory write retry cycles from the initiator on the primary interface 0: exact matching for non-posted memory write retry cycles from initiator on the S1 or S2 interface 1: alias MEMWI to MEMW for non-posted memory write retry cycles from initiator on the S1 or S2 interface Reset to 0 8:5 Reserved R/O Reserved. Returns 0 when read. Reset to 0. 9 Enable Long Request R/W Controls PI7C7300D’s ability to enable long requests for lock cycles 0: normal lock operation 1: enable long request for lock cycle Reset to 0 10 Enable Secondary To Hold Request Longer R/W Control’s PI7C7300D’s ability to enable S1 or S2 to hold requests longer. 0: internal S1 or S2 master will release REQ# after FRAME# assertion 1: internal S1 or S2 master will hold REQ# until there is no transactions pending in FIFO or until terminated by target Reset to 0 11 Enable Primary To Hold Request Longer R/W Control’s PI7C7300D’s ability to hold requests longer at the Primary Port. 0: internal Primary master will release REQ# after FRAME# assertion 1: internal Primary master will hold REQ# until there is no transactions pending in FIFO or until terminated by target Reset to 0 15:12 Reserved R/O Reserved. Returns 0 when read. Reset to 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |