Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C7300D Datasheet(PDF) 77 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 77 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 75Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 81Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 77 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
Bit
Function
Type
Description
6
Parity Error
Response
R/W
Controls response to parity errors
0: PI7C7300D may ignore any parity errors that it detects and
continue normal operation
1: PI7C7300D must take its normal action when a parity error is
detected
Reset to 0
7
Wait Cycle
Control
R/O
Controls the ability to perform address / data stepping
0: disable address/data stepping (affects primary and secondary)
1: enable address/data stepping (affects primary and secondary)
Reset to 0
8
P_SERR# enable
R/W
Controls the enable for the P_SERR# pin
0: disable the P_SERR# driver
1: enable the P_SERR# driver
Reset to 0
9
Fast Back-to-
Back Enable
R/W
Controls PI7C7300D’s ability to generate fast back-to-back
transactions to different devices on the primary interface.
0: no fast back-to-back transactions
1: enable fast back-to-back transactions
Reset to 0
15:10
Reserved
R/O
Returns 000000 when read
14.1.4
STATUS REGISTER – OFFSET 04h
Bit
Function
Type
Description
19:16
Reserved
R/O
Reset to 0
20
Capabilities List
R/O
Set to 1 to enable support for the capability list (offset 34h is the
pointer to the data structure)
Reset to 1
21
66MHz Capable
R/O
Set to 1 to enable 66MHz operation on the primary interface
Reset to 1
22
Reserved
R/O
Reset to 0
23
Fast Back-to-
Back Capable
R/O
Set to 1 to enable decoding of fast back-to-back transactions on the
primary interface to different targets
Reset to 1
24
Data Parity Error
Detected
R/WC
Set to 1 when P_PERR# is asserted and bit 6 of command register is
set
Reset to 0
26:25
DEVSEL#
timing
R/O
DEVSEL# timing (medium decoding)
00: fast DEVSEL# decoding
01: medium DEVSEL# decoding
10: slow DEVSEL# decoding
11: reserved
Reset to 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com