Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C8150BMA-33 Datasheet(PDF) 59 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 59 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 55Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 56Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 57Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 58Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 59Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 60Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 61Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 62Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 63Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 59 of 107
April 2015 – Revision 2.1
S_PERR_L
Transaction Type
Direction
Bus Where Error
Was Detected
Primary/
Secondary Parity
Error Response
Bits
1
Delayed Write
Downstream
Secondary
x / x
0
2
Delayed Write
Upstream
Primary
1 / 1
0
Delayed Write
Upstream
Secondary
x / 1
X = don’t care
2
The parity error was detected on the target (secondary) bus but not on the initiator (primary) bus.
Table 6-7 shows assertion of P_SERR_L. This signal is set under the following conditions:
PI7C8150B has detected P_PERR_L asserted on an upstream posted write transaction
or S_PERR_L asserted on a downstream posted write transaction.
PI7C8150B did not detect the parity error as a target of the posted write transaction.
The parity error response bit on the command register and the parity error response bit
on the bridge control register must both be set.
The SERR_L enable bit must be set in the command register.
Table 6-7. Assertion of P_SERR_L for Data Parity Errors
P_SERR_L
Transaction Type
Direction
Bus Where Error
Was Detected
Primary /
Secondary Parity
Error Response
Bits
1 (de-asserted)
Read
Downstream
Primary
x / x
1
Read
Downstream
Secondary
x / x
1
Read
Upstream
Primary
x / x
1
Read
Upstream
Secondary
x / x
1
Posted Write
Downstream
Primary
x / x
0
2 (asserted)
Posted Write
Downstream
Secondary
1 / 1
0
3
Posted Write
Upstream
Primary
1 / 1
1
Posted Write
Upstream
Secondary
x / x
1
Delayed Write
Downstream
Primary
x / x
1
Delayed Write
Downstream
Secondary
x / x
1
Delayed Write
Upstream
Primary
x / x
1
Delayed Write
Upstream
Secondary
x / x
X = don’t care
2
The parity error was detected on the target (secondary) bus but not on the initiator (primary) bus.
3
The parity error was detected on the target (primary) bus but not on the initiator (secondary) bus.
6.4
SYSTEM ERROR (SERR_L) REPORTING
PI7C8150B uses the P_SERR_L signal to report conditionally a number of system error
conditions in addition to the special case parity error conditions described in Section 6.2.3.
Whenever assertion of P_SERR_L is discussed in this document, it is assumed that the
following conditions apply:
For PI7C8150B to assert P_SERR_L for any reason, the SERR_L enable bit must be
set in the command register.
Whenever PI7C8150B asserts P_SERR_L, PI7C8150B must also set the signaled
system error bit in the status register.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com