Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C8150BMA-33 Datasheet(PDF) 66 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 66 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 62Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 63Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 64Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 65Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 66Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 67Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 68Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 69Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 70Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 66 of 107
April 2015 – Revision 2.1
the bus is idle, its bus grant is asserted, and the device’s request is not asserted. The AD
and CBE signals should be driven first, with the PAR signal driven one cycle later.
PI7C8150B parks the primary bus only when P_GNT_L is asserted, P_REQ_L is de-
asserted, and the primary PCI bus is idle. When P_GNT_L is de-asserted, PI7C8150B 3-
states the P_AD, P_CBE, and P_PAR signals on the next PCI clock cycle. If PI7C8150B is
parking the primary PCI bus and wants to initiate a transaction on that bus, then
PI7C8150B can start the transaction on the next PCI clock cycle by asserting P_FRAME_L
if P_GNT_L is still asserted.
If the internal secondary bus arbiter is enabled, the secondary bus is always parked at the
last master that used the PCI bus. That is, PI7C8150B keeps the secondary bus grant
asserted to a particular master until a new secondary bus request comes along. After reset,
PI7C8150B parks the secondary bus at itself until transactions start occurring on the
secondary bus. Offset 48h, bit 1, can be set to 1 to park the secondary bus at PI7C8150B.
By default, offset 48h, bit 1, is set to 0. If the internal arbiter is disabled, PI7C8150B parks
the secondary bus only when the reconfigured grant signal, S_REQ_L[0], is asserted and
the secondary bus is idle.
9
CLOCKS
This chapter provides information about the clocks.
9.1
PRIMARY CLOCK INPUTS
PI7C8150B implements a primary clock input for the PCI interface. The primary interface
is synchronized to the primary clock input, P_CLK, and the secondary interface is
synchronized to the secondary clock. In synchronous mode, the secondary clock is derived
internally from the primary clock, P_CLK. PI7C8150B operates at a maximum frequency
of 66 MHz (33MHz for PI7C8150B-33).
9.2
SECONDARY CLOCK OUTPUTS
PI7C8150B has 10 secondary clock outputs, S_CLKOUT[9:0] that can be used as clock
inputs for up to nine external secondary bus devices. In synchronous mode, the
S_CLKOUT[9:0] outputs are derived from P_CLK. The secondary clock edges are delayed
from P_CLK edges by a minimum of 0ns. This is the rule for using secondary clocks:
Each secondary clock output is limited to no more than one load.
9.3
ASYNCHRONOUS MODE
In asynchronous mode, the PI7C8150B can be run in the following frequency configuration:
Primary (MHz)
Secondary (MHz)
25MHz to 66MHz
25MHz to 66MHz
PI7C8150B-33 can be run in the following frequency configuration:
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com