Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C8150BMA-33 Datasheet(PDF) 81 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 81 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 82Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 83Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 84Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 85Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 81 of 107
April 2015 – Revision 2.1
14.1.24
I/O LIMIT ADDRESS UPPER 16-BITS REGISTER – OFFSET 30h
Bit
Function
Type
Description
31:0
I/O Limit
Address, Upper
16-bits [31:16]
R/W
Defines the upper 16-bits of a 32-bit top address of an address range
for the bridge to determine when to forward I/O transactions from
one interface to the other.
Reset to 0
14.1.25
ECP POINTER REGISTER – OFFSET 34h
Bit
Function
Type
Description
7:0
Enhanced
Capabilities Port
Pointer
R/O
Enhanced capabilities port offset pointer. Read as DCh to indicate
that the first item resides at that configuration offset.
14.1.26
INTERRUPT LINE REGISTER – OFFSET 3Ch
Bit
Function
Type
Description
7:0
Interrupt Line
R/W
For POST to program to FFh, indicating that the PI7C8150B does not
implement an interrupt pin.
14.1.27
INTERRUPT PIN REGISTER – OFFSET 3Ch
Bit
Function
Type
Description
15:8
Interrupt Pin
R/O
Interrupt pin not supported on the PI7C8150B
14.1.28
BRIDGE CONTROL REGISTER – OFFSET 3Ch
Bit
Function
Type
Description
16
Parity Error
Response
R/W
Controls the bridge’s response to parity errors on the secondary
interface.
0: ignore address and data parity errors on the secondary interface
1: enable parity error reporting and detection on the secondary
interface
Reset to 0
17
S_SERR_L
enable
R/W
Controls the forwarding of S_SERR_L to the primary interface.
0: disable the forwarding of S_SERR_L to primary interface
1: enable the forwarding of S_SERR_L to primary interface
Reset to 0
18
ISA enable
R/W
Modifies the bridge’s response to ISA I/O addresses, applying only
to those addresses falling within the I/O base and limit address
registers and within the first 64KB or PCI I/O space.
0: forward all I/O addresses in the range defined by the I/O base and
I/O limit registers
1: blocks forwarding of ISA I/O addresses in the range defined by the
I/O base and I/O limit registers that are in the first 64KB of I/O space
that address the last 768 bytes in each 1KB block. Secondary I/O
transactions are forwarded upstream if the address falls within the
last 768 bytes in each 1KB block
Reset to 0
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com