Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 163 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 163 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 159Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 160Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 161Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 162Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 163Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 164Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 165Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 166Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
ERROR
The Error bit is set when three attempts have been made to receive a packet and no
packet has been received. Software clears the ERROR bit to detect the next error
event. An interrupt is asserted when the bit is set. This bit is only valid for Bulk and
Interrupt endpoints.
0 – No error event detected since the bit was last cleared.
1 – Error event detected.
DATAERROR
The DATAERROR bit (Isochronous endpoint only) is set when the RXPKTRDY bit is
set and the data packet has a CRC or bit-stuffing error. It is clear when the
RXPKTRDY bit is clear.
0 – No data error since the bit was last cleared.
1 – Data error detected.
NAKTIMEOUT
The NAKTIMEOUT bit (Bulk endpoint only) is set when the receive endpoint is
halted following receipt of NAK responses for longer than the time set as the NAK
limit in the RXINTERVAL register. Software should clear this bit to allow the endpoint
to continue.
0 – No timeout.
1 – NAK timeout occurred.
FLUSHFIFO
The FLUSHFIFO bit is written with 1 to flush the receive FIFO. The FIFO pointer is
reset and the RXPKTRDY bit is cleared. The FLUSHFIFO bit has no effect unless
RXPKTRDY bit is set. If double-buffering is enabled, the FLUSHFIFO bit may need
to be written twice to completely clear the FIFO.
0 – Normal operation.
1 – Flush the receive FIFO and clear the RXPKTRDY bit.
REQPKT
The Request Packet bit is written with 1 to request an IN transaction. The REQPKT
bit is cleared when the RXPKTRDY bit is set.
0 – No request asserted.
1 – Request for an IN transaction asserted.
RXSTALL
The Receive STALL Handshake bit is set when a STALL handshake is received.
Software clears the RXSTALL bit to detect the next STALL handshake. An interrupt
is asserted (if enabled) when this bit is set.
0 – No STALL handshake detected since the bit was last cleared.
1 – STALL handshake detected.
CLRDATATOG
The Clear Data Toggle bit is written with 1 to reset the endpoint data toggle to 0.
0 – Normal operation.
1 – Write 1 to reset endpoint data toggle to 0.
AUTOREQ
The Automatic Request bit specifies whether the REQPKT bit is automatically set
when the RXPKTRDY bit is cleared.
0 – Automatic request is disabled.
1 – Automatic request is enabled.
AUTOCLEAR
The Automatic Clear bit is set by software to enable a mode in which the
RXPKTRDY bit is automatically cleared when data of the maximum packet size
(value in RXMAXP register) is unloaded from the receive FIFO. If a packet of less
than the maximum packet size is unloaded, then the RXPKTRDY bit must be set
explicitly by software.
0 – Normal mode.
1 – Automatically clear RXPKTRDY when maximum packet size packet is unloaded
from the receive FIFO.
Copyright © 2013, Texas Instruments Incorporated
USB Controller
163
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com