Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 170 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 170 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 166Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 167Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 168Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 169Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 170Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 171Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 172Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 173Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
22.2.1 CAN Frame Types
Communication via the CAN bus is basically established by means of four different frame types:
•
Data Frame
•
Remote Frame
•
Error Frame
•
Overload Frame
Data and remote frames can be used in both standard and extended frame format. If no message is being
transmitted, i.e., the bus is idle, the bus is kept at the “recessive” level.
Remote and data frames are non-return to zero (NRZ) coded with bit-stuffing in every bit field, which holds
computable information for the interface, i.e., start of frame, arbitration field, control field, data field (if
present), and CRC field.
Error and overload frames are also NRZ coded, but without bit-stuffing.
After five consecutive bits of the same value (including inserted stuff bits), a stuff bit of the inverted value
is inserted into the bit stream by the transmitter and deleted by the receiver. The following shows the
stuffed and destuffed bit stream for consecutive ones and zeros.
Original or unstuffed bit stream
10000011111 . . .
01111100000 . . .
Stuffed bit stream (stuff bits in bold)
1000001111101 . . .
0111110000010 . . .
22.2.2 CAN Frame Fields
Data and remote frames consist of the following bit fields:
•
Start of Frame (SOF)
•
Arbitration Field
•
Control Field
•
Data Field
•
CRC Field
•
ACK Field
•
EOF Field
22.2.2.1 Start of Frame (SOF)
The Start of Frame (SOF) indicates the beginning of data and remote frames. It consists of a single
“dominant” bit. A node is only allowed to start transmission when the bus is idle. All nodes have to
synchronize to the leading edge (first edge after the bus was idle) caused by the SOF of the node which
starts transmission first.
22.2.2.2 Arbitration Field
The Arbitration field consists of the identifier field and the RTR (Remote Transmission Request) bit. For
extended frames there is also a SRR (Substitute Remote Request) and a IDE (ID Extension) bit inserted
between ID18 and ID17 of the identifier field. The value of the RTR bit is “dominant” in a data frame and
“recessive” in a remote frame.
22.2.2.3 Control Field
The Control field consists of six bits. For standard frames it starts with the ID Extension bit (IDE) and a
reserved bit (RB0). For extended frames, the control field starts with two reserved bits (RB1, RB0). These
bits are followed by the 4 bit Data Length Code (DLC).
The CAN receiver accepts all possible combinations of the reserved bits (RB1, RB0). The transmitter must
be configured to send only zeros.
170
Dual CAN Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com