Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 169 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 169 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 165Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 166Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 167Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 168Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 169Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 170Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 171Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 172Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 407 page
background image
TxPIN
RxPIN
MODULE A
TxPIN
RECESSIVE
DOMINANT
MODULE A SUSPENDS TRANSMISSION
BUS LINE
RxPIN
MODULE B
DS019
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
22.2 Basic CAN Concepts
This section provides a generic overview of the basic concepts of the Controller Area Network (CAN).
The CAN protocol is a message-based protocol that allows a total of 2032 (211 –16) different messages in
the standard format and 512 million (229 – 16) different messages in the extended frame format.
Every CAN Frame is broadcast on the common bus. Each module receives every frame and filters out the
frames which are not required for the module's task. For example, if a dashboard sends a request to
switch on headlights, the CAN module responsible for brake lights must not process this message.
A CAN master module has the ability to set a specific bit called the “remote data request bit” (RTR) in a
frame. Such a message is also called a “Remote Frame”. It causes another module, either another master
or a slave which accepts this remote frame, to transmit a data frame after the remote frame has been
completed.
Additional modules can be added to an existing network without a configuration change. These modules
can either perform completely new functions requiring new data, or process existing data to perform a new
functionality.
As the CAN network is message oriented, a message can be used as a variable which is automatically
updated by the controlling processor. If any module cannot process information, it can send an overload
frame.
The CAN protocol allows several transmitting modules to start a transmission at the same time as soon as
they detect the bus is idle. During the start of transmission, every node monitors the bus line to detect
whether its message is over-written by a message with a higher priority. As soon as a transmitting module
detects another module with a higher priority accessing the bus, it stops transmitting its own frame and
switches to receive mode, as shown in Figure 22-2.
Figure 22-2. CAN Message Arbitration
If a data or remote frame loses arbitration on the bus due to a higher-prioritized data or remote frame, or if
it is destroyed by an error frame, the transmitting module will automatically retransmit it until the
transmission is successful or software has canceled the transmit request.
If a transmitted message loses arbitration, the CAN module will restart transmission at the next possible
time with the message which has the highest internal transmit priority.
Copyright © 2013, Texas Instruments Incorporated
Dual CAN Interfaces
169
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com