Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 177 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 177 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 173Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 174Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 175Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 176Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 177Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 178Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 179Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 180Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
22.2.4.10 Error Passive
An error passive unit can participate in bus communication. However, if the unit detects an error it is not
allowed to send an active error flag. The unit sends only a passive (“recessive”) error flag. A device is
error passive when the transmit error counter or the receive error counter is greater than 127. A device
becoming error passive will send an active error flag. An error passive device becomes error active again
when both transmit and receive error counter are less than 128.
22.2.4.11 Bus Off
A unit that is bus off has the output drivers disabled, i.e., it does not participate in any bus activity. A
device is bus off when the transmit error counter is greater than 255. A bus off device will become error
active again after monitoring 128 × 11 “recessive” bits (including bus idle) on the bus. When the device
goes from “bus off“ to “error active“, both error counters will have a value of 0.
22.2.5 Error Counters
There are multiple mechanisms in the CAN protocol to detect errors and inhibit erroneous modules from
disabling all bus activities. Each CAN module includes two error counters to perform error management.
The receive error counter (REC) and the transmit error counter (TEC) are 8-bits wide, located in the 16-bit
wide CANEC register. The counters are modified by the CAN module according to the rules listed in
Table 22-1. This table provides an overview of the CAN error conditions and the behavior of the CAN
module; for a detailed description of the error management and fault confinement rules, refer to the CAN
Specification 2.0B.
If the MSB (bit 7) of the REC is set, the node is error passive and the REC will not increment any further.
The Error counters can be read by application software as described under Section 22.10.15.
Table 22-1. Error Counter Handling
CONDITION
ACTION
Receive Error Counter Conditions
A receiver detects a bit error during sending an active error flag.
Increment by 8
A receiver detects a “dominant“ bit as the first bit after sending an error flag
Increment by 8
After detecting the 14th consecutive “dominant“ bit following an active error flag or
Increment by 8
overload flag, or after detecting the 8th consecutive “dominant“ bit following a passive
error flag. After each sequence of additional 8 consecutive “dominant” bits.
Any other error condition (stuff, frame, CRC, ACK)
Increment by 1
A valid reception or transmission
Decrement by 1 unless counter is already 0
Transmit Error Counter Conditions
A transmitter detects a bit error while sending an active error flag
Increment by 8
After detecting the 14th consecutive “dominant“ bit following an active error flag or
Increment by 8
overload flag or after detecting the 8th consecutive “dominant“ bit following a passive
error flag. After each sequence of additional 8 consecutive ‘dominant’ bits.
Any other error condition (stuff, frame, CRC, ACK)
Increment by 8
A valid reception or transmission
Decrement by 1 unless counter is already 0
Special error handling for the TEC counter is performed in the following situations:
•
A stuff error occurs during arbitration, when a transmitted “recessive” stuff bit is received as a
“dominant” bit. This does not lead to an increment of the TEC.
•
An ACK-error occurs in an error passive device and no “dominant” bits are detected while sending the
passive error flag. This does not lead to an increment of the TEC.
•
If only one device is on the bus and this device transmits a message, it will get no acknowledgment.
This will be detected as an error and the message will be repeated. When the device goes “error
passive” and detects an acknowledge error, the TEC counter is not incremented. Therefore the device
will not go from ”error passive” to the “bus off” state due to such a condition.
Copyright © 2013, Texas Instruments Incorporated
Dual CAN Interfaces
177
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com