Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 184 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 184 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 180Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 181Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 182Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 183Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 184Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 185Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 186Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 187Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 407 page
background image
10101010
01010
Received ID
GMASK
10101010
10101010
11111111
00000
00000000
00000000
11111111
00000
BMASK
BUFFER14_ID
Saved when buffer
is empty
Saved when buffer
is empty
Saved when buffer
is empty
Saved when buffer
is empty
00000000
00000000
XXXXXXXX
01010
10101010
10101010
XXXXXXXX
01010
BUFFER1_ID
BUFFER13_ID
10101010
10101010
XXXXXXXX
01010
10101010
10101010
BUFFER0_ID
XXXXXXXX
01010
10101010
10101010
DS035
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
By setting the BUFFLOCK bit in the configuration register, the receiving buffer is automatically locked after
reception of one valid frame. The buffer will be unlocked again after the CPU has read the data and has
written RX_READY in the buffer status field. With this lock function, software has the capability to save
several messages with the same identifier or same identifier group into more than one buffer. For
example, a buffer with the second highest priority will receive a message if the buffer with the highest
priority has already received a message and is now locked (provided that both buffers use the same
acceptance filtering mask).
As shown in Figure 22-18, several messages with the same ID are received while BUFFLOCK is enabled.
The filtering mask of the buffers 0, 1, 13, and 14 is set to accept this message. The first incoming frame
will be received by buffer 0. Because buffer 0 is now locked, the next frame will be received by buffer 1,
and so on. If all matching receive buffers are full and locked, a further incoming message will not be
received by any buffer.
Figure 22-18. Message Storage with BUFFLOCK Enabled
22.5 Receive Structure
All received frames are initially buffered in a hidden receive buffer until the frame is valid. (The validation
point for a received message is the next-to-last bit of the EOF.) The received identifier is then compared to
every buffer ID together with the respective mask and the status. As soon as the validation point is
reached, the whole contents of the hidden buffer are copied into the matching message buffer as shown in
Figure 22-19.
NOTE
The hidden receive buffer must not be accessed by the CPU.
184
Dual CAN Interfaces
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com