Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP3SP33SMS/NOPB Datasheet(PDF) 193 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 193 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 189Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 190Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 191Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 192Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 193Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 194Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 195Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 196Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 407 page
background image
CICLR
CIPND
Clear interrupt flags of every
message buffer individually
ICODE
CIEN
CICEN
IRQ
IST3
IST2
IST1
IST0
DS043
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
•
CAN error conditions
–
Detection of an CAN error. (The CEIPND bit in the CIPND register will be set as well as the
corresponding bits in the error diagnostic register CEDIAG.)
The receive/transmit interrupt access to every message buffer can be individually enabled/disabled in the
CIEN register. The pending flags of the message buffer are located in the CIPND register (read only) and
can be cleared by resetting the flags in the CICLR registers.
22.7.1 Highest Priority Interrupt Code
To reduce the decoding time for the CIPND register, the buffer interrupt request with the highest priority is
placed as interrupt status code into the IST[3:0] section of the CSTPND register.
Each of the buffer interrupts as well as the error interrupt can be individually enabled or disabled in the
CAN Interrupt Enable register (CIEN). As soon as an interrupt condition occurs, every interrupt request is
indicated by a flag in the CAN Interrupt Pending register (CIPND). When the interrupt code logic for the
present highest priority interrupt request is enabled, this interrupt will be translated into the IST3:0 bits of
the CAN Status Pending register (CSTPND). An interrupt request can be cleared by setting the
corresponding bit in the CAN Interrupt Clear register (CICLR).
Figure 22-26 shows the CAN interrupt management.
Figure 22-26. Interrupt Management
The highest priority interrupt source is translated into the bits IRQ and IST3:0 as shown in Table 22-5.
Table 22-5. Highest Priority Interrupt Code (ICEN=FFFF)
CAN INTERRUPT REQUEST
IRQ
IST3
IST2
IST1
IST0
No Request
0
0
0
0
0
Error Interrupt
1
0
0
0
0
Buffer 0
1
0
0
0
1
Buffer 1
1
0
0
1
0
Buffer 2
1
0
0
1
1
Buffer 3
1
0
1
0
0
Buffer 4
1
0
1
0
1
Buffer 5
1
0
1
1
0
Buffer 6
1
0
1
1
1
Buffer 7
1
1
0
0
0
Buffer 8
1
1
0
0
1
Copyright © 2013, Texas Instruments Incorporated
Dual CAN Interfaces
193
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com