Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3906SQ-VPFP/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906SQ-VPFP/NOPB
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906SQ-VPFP/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3906SQ-VPFP/NOPB Datasheet HTML 10Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 11Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 12Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 13Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 14Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 15Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 16Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 17Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
LP3906
SNVS456M – AUGUST 2006 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS — BUCK (continued)
TA = 25°C unless otherwise noted
Load Transient Response
Mode Change by Load Transient
Vout = 1.2 (PWM Mode)
Vout = 1.2V (PWM to PFM)
Figure 24.
Figure 25.
Line Transient Response
Line Transient Response
Vin = 3 – 3.6 V, Vout = 1.2 V, 250 mA load
Vin = 3 – 3.6 V, Vout = 3.3 V, 250 mA load
Figure 26.
Figure 27.
Start up into PWM Mode
Start up into PWM Mode
Vout = 1.8 V, 1.2 A load
Vout = 3.3 V, 1.2 A load
Figure 28.
Figure 29.
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com