Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3906SQ-VPFP/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906SQ-VPFP/NOPB
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906SQ-VPFP/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3906SQ-VPFP/NOPB Datasheet HTML 8Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 9Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 10Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 11Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 12Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 13Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 14Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 15Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
OUTPUT CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
VIN = 5.5V
VIN = 3.6V
VIN = 2.8V
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
OUTPUT CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
VIN = 2.8V
VIN = 3.6V
VIN = 5.5V
SUPPLY VOLTAGE (V)
1.835
1.830
1.825
1.820
1.815
1.810
1.805
1.800
2.5
3.0
3.5
4.0
4.5
5.0
5.5
IOUT = 20 mA
IOUT = 750 mA
IOUT = 1.5 A
SUPPLY VOLTAGE (V)
3.550
3.540
3.530
3.520
3.510
3.500
3.490
4.0
4.5
5.0
5.5
IOUT = 20 mA
IOUT = 750 mA
IOUT = 1.5A
TEMPERATURE (°C)
0.15
0.12
0.09
0.06
0.03
0.00
-40
-20
0
20
40
60
80
VIN = 2.7V
VIN = 3.6V
VIN = 5.5V
SUPPLY VOLTAGE (V)
1.040
1.035
1.030
1.025
1.020
1.015
1.010
1.005
1.000
0.995
0.990
2.5
3.0
3.5
4.0
4.5
5.0
5.5
IOUT = 20 mA
IOUT = 750 mA
IOUT = 1.5A
LP3906
SNVS456M – AUGUST 2006 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS — BUCK
TA = 25°C unless otherwise noted
Output Voltage
Shutdown Current
vs.
vs.
Supply Voltage
Temp
(Vout = 1.0 V)
Figure 12.
Figure 13.
Output Voltage
Output Voltage
vs.
vs.
Supply Voltage
Supply Voltage
(Vout = 1.8V)
(Vout = 3.5V)
Figure 14.
Figure 15.
Buck 1 Efficiency
Buck 1 Efficiency
vs
vs
Output Current
Output Current
(Forced PWM Mode, Vout =1.2V, L= 2.2µH)
(Forced PWM Mode, Vout =2.0V, L= 2.2µH)
Figure 16.
Figure 17.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com