Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3906SQ-VPFP/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906SQ-VPFP/NOPB
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906SQ-VPFP/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP3906SQ-VPFP/NOPB Datasheet HTML 22Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 23Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 24Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 25Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 26Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 27Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 28Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 29Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
LP3906
SNVS456M – AUGUST 2006 – REVISED MAY 2013
www.ti.com
INTERRUPT STATUS REGISTER (ISRA) 0X02
This register informs the user of the temperature status of the chip.
D7-2
D1
D0
Name
—
Temp 125°C
—
Access
—
R
—
Data
Reserved
Status bit for thermal warning PMIC T>125°C
Reserved
0 – PMIC Temp. < 125°C
1 – PMIC Temp. > 125°C
Reset
0
0
0
CONTROL 1 REGISTER (SCR1) 0X07
This register allows the user to select the preset delay sequence for power-on timing, to switch between PFM
and PWM mode for the bucks, and also to select between an internal and external clock for the bucks.
The external LDO and SW enables should be pulled LOW to allow the blocks to sequence correctly through
assertion of the EN_T pin.
D7
D6-4
D3
D2
D1
D0
Name
—
EN_DLY
—
FPWM2
FPWM1
ECEN
Access
—
R/W
—
R/W
R/W
R/W
Data
Reserved
Selects the preset
Reserved
Buck 2 PWM /PFM
Buck 1 PWM /PFM
External Buck Clock
delay sequence from
Mode select
Mode select
Select
EN_T assertion
0 – Auto Switch PFM -
0 – Auto Switch PFM -
0 – Internal 2 MHz
(shown below)
PWM operation
PWM operation
Oscillator clock
1 – PWM Mode Only
1 – PWM Mode Only
1 – External 13 MHz
Oscillator clock
Reset
0
010
1
0
0
0
EN_DLY PRESET DELAY SEQUENCE AFTER EN_T ASSERTION
Delay (ms)
EN_DLY<2:0>
Buck1
Buck2
LDO1
LDO2
000
1
1
1
1
001
1
1.5
2
2
010
1.5
2
3
6
011
1.5
2
1
1
100
1.5
2
3
6
101
1.5
1.5
2
2
110
3
2
1
1.5
111
2
3
6
11
BUCK AND LDO OUTPUT VOLTAGE ENABLE REGISTER (BKLDOEN) – 0X10
This register controls the enables for the Bucks and LDOs.
D7
D6
D5
D4
D3
D2
D1
D0
Name
—
LDO2EN
—
LDO1EN
—
BK2EN
—
BK1EN
Access
—
R/W
—
R/W
—
R/W
—
R/W
Data
Reserved
0 – Disable
Reserved
0 – Disable
Reserved
0 – Disable
Reserved
0 – Disable
1 – Enable
1 – Enable
1 – Enable
1 – Enable
Reset
0
1
1
1
0
1
0
1
26
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com