Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3906SQ-VPFP/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906SQ-VPFP/NOPB
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906SQ-VPFP/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP3906SQ-VPFP/NOPB Datasheet HTML 16Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 17Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 18Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 19Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 20Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 21Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 22Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 23Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
High PFM Threshold
~1.016 * Vout
Low1 PFM Threshold
~1.008 * Vout
PFM Mode at Light Load
PWM Mode at
Moderate to Heavy
Loads
Pfet on
until
Ipfm limit
reached
Nfet on
drains
inductor
current
until
I inductor = 0
High PFM
Voltage
Threshold
reached,
go into
sleep mode
Low PFM
Threshold,
turn on
PFET
Current load
increases,
draws Vout
towards
Low2 PFM
Threshold
Low2 PFM Threshold,
switch back to PWMmode
Load current
increases
Low2 PFM Threshold
Vout
VIN
80:
IPFM = 66 mA +
LP3906
SNVS456M – AUGUST 2006 – REVISED MAY 2013
www.ti.com
During PFM operation, the converter positions the output voltage slightly higher than the nominal output voltage
during PWM operation, allowing additional headroom for voltage drop during a load transient from light to heavy
load. The PFM comparators sense the output voltage via the feedback pin and control the switching of the output
FETs such that the output voltage ramps between 0.8% and 1.6% (typical) above the nominal PWM output
voltage. If the output voltage is below the ‘high’ PFM comparator threshold, the PMOS power switch is turned on.
It remains on until the output voltage exceeds the ‘high’ PFM threshold or the peak current exceeds the IPFM level
set for PFM mode. The typical peak current in PFM mode is:
(4)
Once the PMOS power switch is turned off, the NMOS power switch is turned on until the inductor current ramps
to zero. When the NMOS zero-current condition is detected, the NMOS power switch is turned off. If the output
voltage is below the ‘high’ PFM comparator threshold (see Figure 33), the PMOS switch is again turned on and
the cycle is repeated until the output reaches the desired level. Once the output reaches the ‘high’ PFM
threshold, the NMOS switch is turned on briefly to ramp the inductor current to zero and then both output
switches are turned off and the part enters an extremely low power mode. Quiescent supply current during this
‘sleep’ mode is less than 30 µA, which allows the part to achieve high efficiencies under extremely light load
conditions. When the output drops below the ‘low’ PFM threshold, the cycle repeats to restore the output voltage
to ~1.6% above the nominal PWM output voltage.
If the load current should increase during PFM mode (see Figure 33) causing the output voltage to fall below the
‘low2’ PFM threshold, the part will automatically transition into fixed-frequency PWM mode.
SW1, SW2 OPERATION
SW1 and SW2 have selectable output voltages ranging from 0.8V to 3.5V (typ.). Both SW1 and SW2 in the
LP3906 are I2C register controlled and are enabled by default through the internal state machine of the LP3906
following a Power-On event that moves the operating mode to the Active state. (see POWER ON). The SW1 and
SW2 output voltages revert to default values when the power on sequence has been completed. The default
output voltage for each buck converter is factory programmable. (See APPLICATION NOTES).
SW1, SW2 can be enabled/disabled through the corresponding control register.
The Modulation mode PWM/PFM is by default automatic and depends on the load as described above in the
functional description. The modulation mode can be overridden by setting I2C bit to a logic 1 in the corresponding
buck control register, forcing the buck to operate in PWM mode regardless of the load condition.
Figure 33.
20
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com