Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3906SQ-VPFP/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906SQ-VPFP/NOPB
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906SQ-VPFP/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3906SQ-VPFP/NOPB Datasheet HTML 7Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 8Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 9Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 10Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 11Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 12Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 13Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 14Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
LP3906
www.ti.com
SNVS456M – AUGUST 2006 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS — LDO (continued)
TA = 25°C unless otherwise noted
Enable Start-up time (LDO1) )
Enable Start-up time (LDO2)
0-3.6 Vin, 3.3 Vout, 1mA load
0 – 3.6 Vin, 1.8 Vout, 1 mA load
Figure 10.
Figure 11.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com