Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3906SQ-VPFP/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906SQ-VPFP/NOPB
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906SQ-VPFP/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP3906SQ-VPFP/NOPB Datasheet HTML 25Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 26Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 27Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 28Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 29Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 30Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 31Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 32Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
LP3906
www.ti.com
SNVS456M – AUGUST 2006 – REVISED MAY 2013
BUCK 1 TARGET VOLTAGE 2 REGISTER (B1TV2) – 0X24
This register allows the user to program the output target voltage of Buck 1.
D7-5
D4-0
Name
—
BK1_VOUT2
Access
—
R/W
Data
Reserved
Buck1 Output Voltage (V)
5’h00
Ext Ctrl
5’h01
0.80
5’h02
0.85
5’h03
0.90
5’h04
0.95
5’h05
1.00
5’h06
1.05
5’h07
1.10
5’h08
1.15
5’h09
1.20
5’h0A
1.25
5’h0B
1.30
5’h0C
1.35
5’h0D
1.40
5’h0E
1.45
5’h0F
1.50
5’h10
1.55
5’h11
1.60
5’h12
1.65
5’h13
1.70
5’h14
1.75
5’h15
1.80
5’h16
1.85
5’h17
1.90
5’h18
1.95
5’h19
2.00
5’h1A–5’h1F
2.00
Reset
000
Factory Programmed Default
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com