Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3906SQ-VPFP/NOPB Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906SQ-VPFP/NOPB
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906SQ-VPFP/NOPB Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP3906SQ-VPFP/NOPB Datasheet HTML 34Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 35Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 36Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 37Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 38Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 39Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 40Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 41Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
(Vin ± Vout) x Vout
L x f x Ioutmax x Vin
where
r =
Irms = Ioutmax
VOUT
VIN
12
r
2
+
1 -
¹
·
©
§
VOUT
VIN
0402, 6.3V, X5R
0603, 10V, X5R
0
1.0
2.0
3.0
4.0
5.0
DC BIAS (V)
20%
40%
60%
80%
100%
LP3906
SNVS456M – AUGUST 2006 – REVISED MAY 2013
www.ti.com
Figure 39. Graph Showing a Typical Variation in Capacitance vs. DC Bias
As shown in the graph, increasing the DC Bias condition can result in the capacitance value that falls below the
minimum value given in the recommended capacitor specifications table. Note that the graph shows the
capacitance out of spec for the 0402 case size capacitor at higher bias voltages. It is therefore recommended
that the capacitor manufacturers' specifications for the nominal value capacitor are consulted for all conditions,
as some capacitor sizes (e.g. 0402) may not be suitable in the actual application.
The ceramic capacitor’s capacitance can vary with temperature. The capacitor type X7R, which operates over a
temperature range of
−55°C to +125°C, will only vary the capacitance to within ±15%. The capacitor type X5R
has a similar tolerance over a reduced temperature range of
−55°C to +85°C. Many large value ceramic
capacitors, larger than 1 µF are manufactured with Z5U or Y5V temperature characteristics. Their capacitance
can drop by more than 50% as the temperature varies from 25°C to 85°C. Therefore X7R is recommended over
Z5U and Y5V in applications where the ambient temperature will change significantly above or below 25°C.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 0.47 µF to 4.7 µF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value. It should also be noted that the ESR of a typical tantalum will increase about
2:1 as the temperature goes from 25°C down to
−40°C, so some guard band must be allowed.
Input Capacitor Selection for SW1 and SW2
A ceramic input capacitor of 10 µF, 6.3V is sufficient for the magnetic dc/dc converters. Place the input capacitor
as close as possible to the input of the device. A large value may be used for improved input voltage filtering.
The recommended capacitor types are X7R or X5R. Y5V type capacitors should not be used. DC bias
characteristics of ceramic capacitors must be considered when selecting case sizes like 0805 and 0603. The
input filter capacitor supplies current to the PFET switch of the dc/dc converter in the first half of each cycle and
reduces voltage ripple imposed on the input power source. A ceramic capacitor’s low ESR (Equivalent Series
Resistance) provides the best noise filtering of the input voltage spikes due to fast current transients. A capacitor
with sufficient ripple current rating should be selected. The Input current ripple can be calculated as:
(7)
The worse case is when VIN = 2VOUT
38
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com