Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3906SQ-VPFP/NOPB Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906SQ-VPFP/NOPB
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906SQ-VPFP/NOPB Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP3906SQ-VPFP/NOPB Datasheet HTML 33Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 34Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 35Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 36Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 37Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 38Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 39Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 40Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
L t
VIN - VOUT
IPP
x
x
VOUT
VIN ¹
·
©
§
f
1
©
§
¹
·
©
§
¹
·
LP3906
www.ti.com
SNVS456M – AUGUST 2006 – REVISED MAY 2013
(6)
Inductor
Value
Unit
Description
Notes
LSW1,2
2.2
µH
SW1,2 inductor
D.C.R. 70 m
Ω
External Capacitors
The regulators on the LP3906 require external capacitors for regulator stability. These are specifically designed
for portable applications requiring minimum board space and smallest components. These capacitors must be
correctly selected for good performance.
LDO CAPACITOR SELECTION
Input Capacitor
An input capacitor is required for stability. It is recommended that a 1.0
μF capacitor be connected between the
LDO input pin and ground (this capacitance value may be increased without limit).
This capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
Important: Tantalum capacitors can suffer catastrophic failures due to surge currents when connected to a low
impedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is used at the input,
it must be ensured by the manufacturer to have a surge current rating sufficient for the application.
There are no requirements for the ESR (Equivalent Series Resistance) on the input capacitor, but tolerance and
temperature coefficient must be considered when selecting the capacitor to ensure the capacitance will remain
approximately 1.0
μF over the entire operating temperature range.
Output Capacitor
The LDOs on the LP3906 are designed specifically to work with very small ceramic output capacitors. A 1.0 µF
ceramic capacitor (temperature types Z5U, Y5V or X7R) with ESR between 5 m
Ω to 500 mΩ, are suitable in the
application circuit.
It is also possible to use tantalum or film capacitors at the device output, COUT (or VOUT), but these are not as
attractive for reasons of size and cost.
The output capacitor must meet the requirement for the minimum value of capacitance and also have an ESR
value that is within the range 5 m
Ω to 500 mΩ for stability.
Capacitor Characteristics
The LDOs are designed to work with ceramic capacitors on the output to take advantage of the benefits they
offer. For capacitance values in the range of 0.47 µF to 4.7 µF, ceramic capacitors are the smallest, least
expensive and have the lowest ESR values, thus making them best for eliminating high frequency noise. The
ESR of a typical 1.0 µF ceramic capacitor is in the range of 20 m
Ω to 40 mΩ, which easily meets the ESR
requirement for stability for the LDOs.
For both input and output capacitors, careful interpretation of the capacitor specification is required to ensure
correct device operation. The capacitor value can change greatly, depending on the operating conditions and
capacitor type.
In particular, the output capacitor selection should take account of all the capacitor parameters, to ensure that the
specification is met within the application. The capacitance can vary with DC bias conditions as well as
temperature and frequency of operation. Capacitor values will also show some decrease over time due to aging.
The capacitor parameters are also dependent on the particular case size, with smaller sizes giving poorer
performance figures in general. As an example, the graph below shows a typical graph comparing different
capacitor case sizes in a Capacitance vs. DC Bias plot.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com