Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3906SQ-VPFP/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906SQ-VPFP/NOPB
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906SQ-VPFP/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3906SQ-VPFP/NOPB Datasheet HTML 5Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 6Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 7Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 8Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 9Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 10Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 11Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 12Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
LP3906
www.ti.com
SNVS456M – AUGUST 2006 – REVISED MAY 2013
BUCK CONVERTERS SW1, SW2
Unless otherwise noted, VIN = 3.6, CIN = 10 µF, COUT = 10 µF, LOUT = 2.2 µH ceramic. Typical values and limits appearing in
normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for
operation,
−40°C to +125°C.
(1) (2) (3) (4) (5)
Parameter
Test Conditions
Min
Typ
Max
Units
VOUT
Output Voltage Accuracy
Default VOUT
−3
+3
%
Line Regulation
2.7< VIN < 5.5
0.089
%/V
IO =10 mA
Load Regulation
100 mA < IO < IMAX
0.0013
%/mA
Eff
Efficiency
Load Current = 250 mA
96
%
ISHDN
Shutdown Supply Current
EN is de-asserted
0.01
µA
fOSC
Sync Mode Clock Frequency
Synchronized from 13 MHz system
2.0
MHz
clock
Internal Oscillator Frequency
2.0
MHz
IPEAK
Peak Switching Current Limit
2.0
A
IQ
(5)
Quiescent Current “On”
No load PFM Mode
33
µA
RDSON (P)
Pin-Pin Resistance PFET
200
m
Ω
RDSON (N)
Pin-Pin Resistance NFET
180
m
Ω
TON
Turn On Time
Start up from shut-down
500
µs
CIN
Input Capacitor
Capacitance for stability
10
µF
CO
Output Capacitor
Capacitance for stability
10
µF
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical numbers are not specifications, but do represent the most
likely norm.
(3)
CIN, COUT: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
The device maintains a stable, regulated output voltage without a load.
(5)
The Iq can be defined as the standing current of the LP3906 when the I2C bus is active and all other power blocks have been disabled
via the I2C bus, or it can be defined as the I2C bus active, and the other power blocks are active under no load condition. These two
values can be used by the system designer when the LP3906 is powered using a battery. If the user plans to use the HW enable pins to
disable each block of the IC please contact the factory applications for IQ details.
I/O ELECTRICAL CHARACTERISTICS
Unless otherwise noted: Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface
type apply over the entire junction temperature range for operation, TJ = 0°C to +125°C.
(1)
Limit
Parameter
Test Conditions
Units
Min
Max
VIL
Input Low Level
0.4
V
VIH
Input High Level
1.2
V
(1)
This specification is ensured by design.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com