Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3906SQ-VPFP/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP3906SQ-VPFP/NOPB
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3906SQ-VPFP/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP3906SQ-VPFP/NOPB Datasheet HTML 20Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 21Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 22Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 23Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 24Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 25Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 26Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 27Page - Texas Instruments LP3906SQ-VPFP/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
ADR6
bit7
MSB
ADR5
bit6
ADR4
bit5
ADR3
I
2C SLAVE address (chip address)
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
LSB
1
1
0
0
0
0
0
bit4
SDA
SCL
S
P
START condition
STO
P condition
SCL
SDA
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
LP3906
SNVS456M – AUGUST 2006 – REVISED MAY 2013
www.ti.com
I2C DATA VALIDITY
The data on the SDA line must be stable during the HIGH period of the clock signal (SCL), e.g.- the state of the
data line can only be changed when CLK is LOW.
Figure 34. I2C Signals: Data Validity
I2C START AND STOP CONDITIONS
START and STOP bits classify the beginning and the end of the I2C session. START condition is defined as the
SDA signal transitioning from HIGH to LOW while the SCL line is HIGH. STOP condition is defined as the SDA
transitioning from LOW to HIGH while the SCL is HIGH. The I2C master always generates START and STOP
bits. The I2C bus is considered to be busy after START condition and free after STOP condition. During data
transmission, I2C master can generate repeated START conditions. First START and repeated START
conditions are equivalent, function-wise.
Figure 35. START and STOP Conditions
TRANSFERRING DATA
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first.
Each byte of data has to be followed by an acknowledge bit. The acknowledged related clock pulse is generated
by the master. The transmitter releases the SDA line (HIGH) during the acknowledge clock pulse. The receiver
must pull down the SDA line during the 9th clock pulse, signifying acknowledgement. A receiver which has been
addressed must generate an acknowledgement (“ACK”) after each byte has been received.
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). Please note that according to industry I2C standards for 7-bit
addresses, the MSB of an 8-bit address is removed, and communication actually starts with the 7th most
significant bit. For the eighth bit (LSB), a “0” indicates a WRITE and a “1” indicates a READ. The second byte
selects the register to which the data will be written. The third byte contains data to write to the selected register.
LP3906 has a chip address of 60’h, which is factory programmed.
Figure 36. I2C Chip Address
24
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com