Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/ML Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP3918A1-E/ML
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/ML Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP3918A1-E/ML Datasheet HTML 16Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 17Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 18Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 19Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 20Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 21Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 22Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 23Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
MCP3918
DS20005287A-page 20
 2014 Microchip Technology Inc.
3.2
Digital VDD (DVDD)
DVDD is the power supply voltage for the digital circuitry
within the MCP3918. For optimal performance, it is
recommended
to
connect
appropriate
bypass
capacitors (typically a 10 µF in parallel with a 0.1 µF
ceramic). DVDD should be maintained between 2.7V
and 3.6V for specified operation.
3.3
Analog Power Supply (AVDD)
AVDD is the power supply voltage for the analog
circuitry within the MCP3918. It is recommended to
connect appropriate bypass capacitors (typically a
10 µF in parallel with a 0.1 µF ceramic). AVDD should
be maintained between 2.7V and 3.6V for specified
operation.
3.4
ADC Differential Analog Inputs
(CH0+/CH0-)
The CH0+/- pins are the fully differential analog voltage
inputs for the delta-sigma ADC.
The linear and specified region of the channels is
dependent on the PGA gain. This region corresponds
to a differential voltage range of ±600 mV/GAIN with
VREF =1.2V.
The maximum absolute voltage, with respect to AGND,
for each CH0+/- input pin is ±1V with no distortion and
±2V with no breaking after continuous voltage. This
maximum absolute voltage is not proportional to the
VREF voltage.
3.5
Analog Ground (AGND)
AGND is the ground reference voltage for the analog
circuitry within the MCP3918. For optimal performance,
it is recommended to connect it to the same ground
node voltage as DGND, preferably with a star
connection.
If an analog ground plane is available, it is
recommended that these pins be tied to this plane of
the Printed Circuit Board (PCB). This plane should also
reference all other analog circuitry in the system.
3.6
Non-Inverting Reference Input,
Internal Reference Output
(REFIN+/OUT)
This pin is the non-inverting side of the differential
voltage reference input for the ADC or the internal
voltage reference output.
When VREFEXT = 1, an external voltage reference
source can be used, and the internal voltage reference
is disabled. When using an external differential voltage
reference, it should be connected to its VREF+ pin.
When using an external single-ended reference, it
should be connected to this pin.
When VREFEXT = 0, the internal voltage reference is
enabled and connected to this pin through a switch.
This voltage reference has minimal drive capability and
thus needs proper buffering and bypass capacitances
(a 0.1 µF ceramic capacitor is sufficient in most cases),
if used as a voltage source.
If the voltage reference is only used as an internal
VREF, adding bypass capacitance on REFIN+/OUT is
not necessary for keeping ADC accuracy, but a minimal
0.1 µF ceramic capacitance can be connected to avoid
EMI/EMC susceptibility issues due to the antenna
created by the REFIN+/OUT pin if left floating.
3.7
Inverting Reference Input (REFIN-)
This pin is the inverting side of the differential voltage
reference input for the ADC. When using an external
differential voltage reference, it should be connected to
its VREF- pin. When using an external single-ended
voltage reference, or when VREFEXT = 0 (default) and
using the internal voltage reference, the pin should be
directly connected to AGND.
3.8
Digital Ground Connection (DGND)
DGND is the ground reference voltage for the digital
circuitry within the MCP3918. For optimal performance,
it is recommended to connect it to the same ground
node voltage as AGND, preferably with a star
connection.
If a digital ground plane is available, it is recommended
that this pin be tied to this plane of the PCB. This plane
should also reference all other digital circuitry in the
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com