Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/ML Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP3918A1-E/ML
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/ML Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP3918A1-E/ML Datasheet HTML 51Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 52Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 53Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 54Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 55Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 56Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 57Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 58Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 55
MCP3918
7.0
2-WIRE SERIAL INTERFACE
DESCRIPTION
7.1
Overview
The 2-Wire Interface mode is designed for applications
that require galvanic isolation. It allows a minimum
number of digital isolator channels, specifically one
bi-directional or two unidirectional channels, to be
connected to the MCP3918 when interfacing through
an isolation barrier. This functionality reduces the total
system cost in an isolated application system, like a
polyphase
shunt-based
energy
meter.
It
is
recommended to use the MCP3918 with the 2-Wire
mode for digitally isolated applications and with the SPI
mode for other applications where galvanic isolation is
not required.
The principle of this 2-Wire interface is simple: it has a
serial clock input pin (SCK/MCLK) and a serial data
output pin (SDO), and it automatically sends output
data in packets (frames) at a DRCLK data rate (every
time new data is available on the ADC output). It has no
serial input pin to diminish the number of isolated
channels. At the same time, the serial clock pin SCK
also becomes the master clock (MCLK) input pin of the
device, and the part becomes fully synchronous with
SCK = MCLK. The system then becomes fully
synchronous and can be driven by only one master
clock for multiple phases, which ensures proper
synchronization and constant phase angle between
phases, which is important for an energy metering
application.
The SDO pin becomes the only output of the device
and is fully synchronous with the serial/master clock.
The SDO pin is never in high-impedance in this mode,
and is by default at logic low when not transmitting
data. The SDO pin idles logic low in this mode because
most of the digital isolator devices consume less
current in a logic low state than in a logic high state.
This effectively reduces the total power consumption of
a system with digital isolation devices.
When the part has entered 2-Wire mode, the logic pins
RESET, SDI, CS, OSC1 and DR become logic input
pins for the configuration of the device (respectively
OSR0/OSR1/BOOST/GAIN0/GAIN1).
These
pins
need to have well-defined logic states for low-power
applications. These pins define the only settings that
can be modified in 2-Wire mode.
The MDAT0 pin is always disabled and kept in a
high-impedance state during the 2-Wire Interface
mode. This pin can be grounded for applications using
exclusively the 2-Wire Interface mode so that the
EMI/EMC susceptibility of the part is improved.
FIGURE 7-1:
MCP3918 2-Wire Interface Typical Application Schematic.
SDO
GAIN1
SCK/MCLK
OSR0
BOOST
CH0+
CH0-
MCP3918
ANALOG
DIGITAL
SINC
3
-
+
PGA
'6
Modulator
MOD<3:0>
Isolator
Isolator
2-wire
Interface
OSR1
To SPI Ports
Of an MCU
GAIN0
Logic inputs
connected
to DVDD or
DGND
Main MCU/
CPU Board
Isolation
Barrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com