Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/ML Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP3918A1-E/ML
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/ML Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP3918A1-E/ML Datasheet HTML 23Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 24Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 25Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 26Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 27Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 28Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 29Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 30Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 27
MCP3918
4.15
Dithering
In order to suppress or attenuate the idle tones present
in any delta-sigma ADC, dithering can be applied to the
ADC. Dithering is the process of adding an error to the
ADC feedback loop in order to “decorrelate” the outputs
and “break” the idle tone’s behavior. Usually a random
or pseudo-random generator adds an analog or digital
error to the feedback loop of the delta-sigma ADC in
order to ensure that no tonal behavior can happen at its
outputs. This error is filtered by the feedback loop and
typically has a zero average value, so that the
converter’s static transfer function is not disturbed by
the dithering process. However, the dithering process
slightly increases the noise floor (it adds noise to the
part) while reducing its tonal behavior and thus
improving SFDR and THD. The dithering process
scrambles the idle tones into baseband white noise and
ensures that dynamic specs (SNR, SINAD, THD,
SFDR) are less signal-dependent. The MCP3918
incorporates a proprietary dithering algorithm on the
ADC in order to remove idle tones and improve THD,
which is crucial for power metering applications.
4.16
PSRR
This is the ratio between a change in the power supply
voltage and the ADC output codes. It measures the
influence of the power supply voltage on the ADC
outputs.
The PSRR specification can be DC (the power supply
takes multiple DC values) or AC (the power supply is a
sine wave at a certain frequency with a certain
common-mode). In AC, the amplitude of the sine wave
represents the change in the power supply. It is defined
in Equation 4-10.
EQUATION 4-10:
Where VOUT is the equivalent input voltage that the
output code translates to, with the ADC transfer
function.
In the MCP3918 specification, AVDD varies from 2.7V
to 3.6V, and for AC PSRR a 50/60 Hz sine wave
centered around 3.0V is chosen, with a maximum
amplitude of 300 mV. The PSRR specification is
measured with AVDD =DVDD.
4.17
CMRR
CMRR is the ratio between a change in the
common-mode input voltage and the ADC output
codes. It measures the influence of the common-mode
input voltage on the ADC outputs.
The
CMRR
specification
can
be
DC
(the
common-mode input voltage takes multiple DC values)
or AC (the common-mode input voltage is a sine wave
at a certain frequency with a certain common-mode). In
AC, the amplitude of the sine wave represents the
change in the power supply. It is defined in Equation 4-
11.
EQUATION 4-11:
Where VCM = (CH0+ + CH0-)/2 is the common-mode
input voltage and VOUT is the equivalent input voltage
that the output code translates to, with the ADC transfer
function. In the MCP3918 specification, VCM varies
from -1V to +1V.
4.18
ADC Reset Mode
ADC Reset mode (also called Soft Reset mode) can
only be entered in SPI mode by setting the RESET<0>
bit high in the CONFIG1 register. This mode is defined
as the condition where the converter is active, but its
output is forced to 0.
The registers are not affected in this Reset mode and
retain their state, except for the data registers of the
corresponding channel, which are reset to 0.
The ADC can immediately output meaningful codes
after leaving the Reset mode (and after the sinc filter
settling time). This mode is both entered and exited
through bit settings in CONFIG1 register.
The configuration registers are not modified by the Soft
Reset mode. While in Reset mode, no Data Ready
pulse will be generated by the ADC.
When the ADC exits ADC Reset mode, any phase
delay present before reset was entered will still be
present.
However, when the ADC is in Soft Reset mode, the
input structure is still clocking if MCLK is applied in
order to properly bias the inputs, so that no leakage
current is observed. If MCLK is not applied, large
analog input leakage currents can be observed for
highly negative input voltages (typically below -0.6V
referred to AGND).
PSRR dB

20
V
OUT
AV
DD
-------------------


log
=
CMRR dB

20
V
OUT
V
CM
-----------------


log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com