Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/ML Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP3918A1-E/ML
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/ML Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP3918A1-E/ML Datasheet HTML 57Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 58Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 59Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 60Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 61Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 62Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 63Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 64Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 61
MCP3918
FIGURE 8-4:
Separation of Analog and
Digital Circuits on Layout.
Figure 7-5 shows a more detailed example with a direct
connection to a high-voltage line (e.g., a two-wire 120V
or 220V system). A current-sensing shunt is used for
current measurement on the high/line side that also
supplies the ground for the system. This is necessary
as the shunt is directly connected to the channel input
pins of the MCP3918. To reduce sensitivity to external
influences, such as EMI, these two wires should form a
twisted pair, as noted in Figure 8-5. The power supply
and MCU are separated on the right side of the PCB,
surrounded by the digital ground plane. The MCP3918
is kept on the left side, surrounded by the analog
ground plane. There are two separate power supplies
going to the digital section of the system and the analog
section, including the MCP3918. With this placement,
there are two separate current supply paths and
current return paths, IA and ID.
FIGURE 8-5:
Connection Diagram.
The ferrite bead between the digital and analog ground
planes helps keep high-frequency noise from entering
the device. This ferrite bead is recommended to be low
resistance; most often it is a THT component. Ferrite
beads are typically placed on the shunt inputs and into
the power supply circuit for additional protection.
8.3
SPI Interface Digital Crosstalk
The MCP3918 incorporates a high-speed 20-MHz SPI
digital interface. This interface can induce a crosstalk,
if it is running at its full speed without any precautions.
The crosstalk is caused by the switching noise created
by the digital SPI signals (also called ground bouncing).
This crosstalk would negatively impact the SNR in this
case. The noise is attenuated if a proper separation
between the analog and digital power supplies is put in
place (see Section 8.2 “Power Supply Design and
Bypassing”
). In order to further remove the influence
of the SPI communication on measurement accuracy,
it is recommended to add series resistors on the SPI
lines to reduce the current spikes caused by the digital
switching noise (see Figure 8-1 where these resistors
have been implemented). The resistors also help to
keep the level of electromagnetic emissions low. The
measurement graphs provided in this data sheet have
been performed with 100
series resistors connected
on each SPI I/O pin. Measurement accuracy distur-
bances have not been observed even at the full speed
of 20 MHz interfacing. The crosstalk performance is
dependent on the package choice due to the difference
in the pin arrangement (dual in-line or quad), and is
improved in the QFN-20 package.
MCU
Power Supply
Circuitry
LINE
NEUTRAL
SHUNT
Twisted
Pair
IA
ID
ID
IA
“Star” Point
VA
VD
Analog Ground Plane
Digital Ground Plane
MCP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com