Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/ML Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP3918A1-E/ML
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/ML Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP3918A1-E/ML Datasheet HTML 40Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 41Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 42Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 43Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 44Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 45Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 46Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 47Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
MCP3918
DS20005287A-page 44
 2014 Microchip Technology Inc.
6.2
Control Byte
The Control byte of the MCP3918 contains two device
Address bits (A<6:5>), five register Address bits
(A<4:0>) and a Read/Write bit (R/W). The first byte
transmitted to the MCP3918 in any communication is
always the Control byte. During the Control byte
transfer, the SDO pin is always in a high-impedance
state. The MCP3918 interface is device addressable
(through A<6:5>), so that multiple chips can be present
on the same SPI bus with no data bus contention, even
if they use the same CS pin and a provided half-duplex
SPI interface, with a different address identifier. This
functionality enables, for example, a Serial EEPROM
like 24AAXXX/24LCXXX or 24FCXXX. Moreover, it
enables the MCP3918 to share all the SPI pins and to
consume less I/O pins in the application processor,
since all these Serial EEPROM circuits use
A<6:5> = 00.
FIGURE 6-1:
Control Byte.
The default device address bits are A<6:5> = 01
(contact the Microchip factory for other available device
address bits). For more information, see the Product
Identification System
section. The register map is
defined in Table 9-1.
6.3
Reading from the Device
The first register read on the SDO pin is the one defined
by the address (A<4:0>) given in the Control byte. After
this first register is fully transmitted, if the CS pin is
maintained logic low, the communication continues
without an additional Control byte and the SDO pin
transmits
another
register
with
the
address
automatically incremented.
Four different read mode configurations can be defined
through the READ<1:0> bits in the STATUSCOM
register for the address increment (see Section 6.5
“Continuous
Communications,
Looping
on
Register Sets”
and Table 9-2). The data on SDO is
clocked out of the MCP3918 on the falling edge of
SCK. The reading format for each register is defined in
Section 5.5 “ADC Output Coding”
.
FIGURE 6-2:
Read on a Single Register with 24-bit Format (WIDTH_DATA<1:0> = 01,
SPI Mode 1,1).
A<6> A<5> A<4> A<3> A<2> A<1> A<0> R/W
Device
Address
Register Address
Read/
Write
READ Communication (SPI mode 1,1)
Don’t care
Don’t care
SCK
SDI
SDO
CS
DATA<0>
Hi-Z
Hi-Z
Device latches SDI on rising edge
Device latches SDO on falling edge
R/W
High Z
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com