Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/ML Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP3918A1-E/ML
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/ML Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP3918A1-E/ML Datasheet HTML 24Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 25Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 26Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 27Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 28Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 29Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 30Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 31Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
MCP3918
DS20005287A-page 28
 2014 Microchip Technology Inc.
4.19
Hard Reset Mode (RESET = 0)
This mode is only available during a POR or when the
RESET pin is pulled low in the SPI mode. The RESET
pin logic-low state places the device in Hard Reset
mode. In this mode, all internal registers are reset to
their default state. In the 2-Wire Interface mode, the
RESET pin functionality is not available and the user
must use a watchdog timer reset to be able to fully reset
the part (see Section 7.4 “Watchdog Timer Reset,
Resetting the Part when in 2-Wire Mode”
).
The DC biases for the analog blocks are still active, i.e.
the MCP3918 is ready to convert. However, this pin
clears all conversion data in the ADC. The
comparators’ outputs of the ADC are forced to their
Reset state (0011). The sinc filter as well as its double
output buffers are all reset. See serial timing for
minimum pulse low time in Section 1.0 “Electrical
Characteristics”
.
During
a
Hard
Reset,
no
communication with the part is possible. The digital
interface is maintained in a Reset state.
During this state, the clock MCLK can be applied to the
part in order to properly bias the input structures of all
channels. If not applied, large analog input leakage
currents can be observed for highly negative input
signals, and, after removing the Hard Reset state, a
certain start-up time is necessary to properly bias the
input structure. During this delay, the ADC conversions
can be inaccurate.
4.20
ADC Shutdown Mode
ADC Shutdown mode is defined as a state where the
converters and their biases are off, consuming only
leakage current. When the Shutdown bit is reset to ‘0’,
the analog biases will be enabled, as well as the clock
and the digital circuitry. The ADC will give a data ready
after the sinc filter settling time has occurred. However,
since the analog biases are not completely settled at
the beginning of the conversion, the sampling may not
be accurate for about 1 ms (corresponding to the
settling time of the biasing under worst-case
conditions). In order to ensure accuracy, the Data
Ready pulse within the delay of 1 ms + settling time of
the sinc filter should be discarded.
The configuration registers are not modified by the
Shutdown mode. This mode is only available in SPI
mode through programming the SHUTDOWN<1:0>
bits in the CONFIG1 register.
The output data is flushed to all zeros while in ADC
Shutdown mode. While in ADC Shutdown mode, no
Data Ready pulse will be generated by the ADC.
When the ADC exits ADC Shutdown mode, any phase
delay present before Shutdown was entered will still be
present.
If the ADC is in Shutdown mode, the clock is not
distributed to the input structure or to the digital core for
low-power operation. This can potentially cause high
analog input leakage currents at the analog inputs if the
input voltage is highly negative (typically below -0.6V
referred to AGND). Once the ADC is back to normal
operation, the clock is automatically distributed again.
4.21
Full Shutdown Mode
The lowest power consumption can be achieved when
SHUTDOWN<0> = 1, VREFEXT = CLKEXT = 1. This
mode is called Full Shutdown mode, and no analog
circuitry is enabled. In this mode, both AVDD and DVDD
POR monitoring are also disabled, and no clock is
propagated throughout the chip. The ADC is in
Shutdown mode, and the internal voltage reference is
disabled. This mode can only be entered during SPI
mode.
The clock is no longer distributed to the input structure
either. This can potentially cause high analog input
leakage currents at the analog inputs, if the input
voltage is highly negative (typically below -0.6V
referred to AGND).
The only circuit that remains active is the SPI interface,
but this circuit does not induce any static power
consumption. If SCK is idle, the only current
consumption comes from the leakage currents induced
by the transistors and is less than 5 µA on each power
supply.
This mode can be used to power down the chip
completely and to avoid power consumption when
there is no data to convert at the analog inputs. Any
SCK or MCLK edge occurring while in this mode will
induce dynamic power consumption.
Once any of the SHUTDOWN, CLKEXT and VREFEXT
bits returns to ‘0’, the two POR monitoring blocks are
operational, and AVDD and DVDD monitoring can take
place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com