Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/ML Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP3918A1-E/ML
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/ML Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP3918A1-E/ML Datasheet HTML 59Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 60Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 61Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 62Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 63Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 64Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 65Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 66Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 63
MCP3918
8.6
Energy Measurement Error
Considerations
The measurement error is a typical representation of
the non-linearity of the ADC (see Section 4.0
“Terminology and Formulas”
for the definition of
measurement error). The measurement error is
dependent on the THD and on the noise floor of the
ADC. The measurement error specification on the
MCP3918 can be improved by increasing the OSR (to
get a better SINAD and THD performance) and, to
some extent, the BOOST settings (if the bandwidth of
the measurements is too limited by the bandwidth of
the amplifiers in the sigma-delta ADC). In most of the
energy metering AC applications, high-pass filters are
used to cancel the offset on each ADC channel (current
and voltage channels), and therefore a single-point
calibration is necessary to calibrate the system for
active energy measurement. This calibration is a
system gain calibration, and the user can utilize the
EN_GAINCAL bit and the GAINCAL_CH0 register to
perform this digital calibration. After such calibration,
typical measurement error curves like the ones in
Figure 2-7 can be generated by sweeping the current
channel amplitude and measuring the energy at the
outputs (the energy calculations here are being
realized off-chip). The error is measured using a gain of
1x, as it is commonly used in most CT-based
applications.
At low signal amplitude values (typically 1000:1
dynamic range and higher), the crosstalk between
channels, mainly caused by the PCB, becomes a
significant part of the perturbation as the measurement
error increases. The 1-point measurement error curves
in Figure 2-5 have been performed with a full-scale
sine wave on all the inputs that are not measured,
which means that these channels induce a maximum
amount of crosstalk on the measurement error curve.
In order to avoid such behavior, a 2-point calibration
can be put in place in the calculation section.
This 2-point calibration can be a simple linear
interpolation between two calibration points (one at
high amplitudes, one at low amplitudes at each end of
the dynamic range) and helps to significantly lower the
effect of crosstalk between channels. A 2-point
calibration is very effective in maintaining the
measurement error close to zero on the whole dynamic
range, since the non-linearity and distortion of the
MCP3918 is very low. Figure 2-6 shows the
measurement error curves obtained with the same
ADC data taken for Figure 2-5, but where a 2-point
calibration has been applied. The difference is
significant only at the low end of the dynamic range,
where all the perturbing factors are a bigger part of the
ADC output signals. These curves show extremely tight
measurement error across the full dynamic range
(here, typically 10,000:1), which is required in
high-accuracy class meters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com