Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/ML Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP3918A1-E/ML
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/ML Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP3918A1-E/ML Datasheet HTML 34Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 35Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 36Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 37Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 38Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 39Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 40Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 41Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
MCP3918
DS20005287A-page 38
 2014 Microchip Technology Inc.
FIGURE 5-7:
VREF Tempco vs. VREFCAL
Trim Code Chart.
5.6.4
VOLTAGE REFERENCE BUFFER
The MCP3918 ADC includes a voltage reference buffer
tied to the REFIN+/OUT pin, which allows the device to
properly charge the internal capacitors with the voltage
reference signals, even in the case of an external
voltage reference connection with weak load regulation
specifications. This ensures that the correct amount of
current is sourced to each channel to guarantee their
accuracy specifications, and diminishes the constraints
on the voltage reference load regulation.
5.7
Power-on Reset
The MCP3918 contains an internal POR circuit that
monitors both analog and digital supply voltages during
operation. The typical threshold for a power-up event
detection is 2.0V ± 5% and a typical start-up time
(tPOR) of 50 µs. The POR circuit has a built-in
hysteresis for improved transient spike immunity that
has a typical value of 200 mV. Proper decoupling
capacitors (0.1 µF ceramic and 10 µF) should be
mounted as close as possible to the AVDD and DVDD
pins, providing additional transient immunity.
Figure 5-8 illustrates the different conditions at a
power-up and a power-down event under typical
conditions. All internal DC biases are settled at least
1 ms after system POR, under worst-case conditions.
In order to ensure proper accuracy, any Data Ready
pulse occurring within 1 ms plus the sinc filter settling
time after system reset should be ignored. After POR,
Data Ready pulses are present at the pin with all the
default conditions in the configuration registers.
Both AVDD and DVDD are monitored, so either power
supply can sequence first.
FIGURE 5-8:
Power-On Reset Operation.
0
10
20
30
40
50
60
0
64
128
192
256
V
REFCAL Register Trim Code (Decimal)
POR
State
Power-Up
Normal
POR
State
Biases are
unsettled.
Conversions
started here may
not be accurate.
Biases are settled.
Conversions started
here are accurate.
Analog biases
settling time
SINC filter
settling
time
Voltage
Time
POR Threshold
up (2.0V typical)
(1.8V typical)
tPOR
Operation
Analog biases
settling time
SINC filter
settling
time
(AVDD, DVDD)
Any
Data
Ready
pulse
occurring during this time
can yield inaccurate output
data. It is recommended to
discard them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com