Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/ML Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP3918A1-E/ML
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/ML Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP3918A1-E/ML Datasheet HTML 22Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 23Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 24Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 25Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 26Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 27Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 28Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 29Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
MCP3918
DS20005287A-page 26
 2014 Microchip Technology Inc.
4.11
Total Harmonic Distortion (THD)
The total harmonic distortion is the ratio of the output
harmonics power to the fundamental signal power for a
sine wave input, and is defined in Equation 4-7.
EQUATION 4-7:
The THD calculation includes the first 35 harmonics for
the MCP3918 specifications. The THD is usually only
measured with respect to the first ten harmonics. THD
is sometimes expressed as percentage. Equation 4-8
converts the THD in percentage.
EQUATION 4-8:
This specification depends mainly on the DITHER
setting.
4.12
Spurious-Free Dynamic Range
(SFDR)
SFDR is the ratio between the output power of the
fundamental and the highest spur in the frequency
spectrum (see Equation 4-9). The spur frequency is not
necessarily a harmonic of the fundamental, even
though this is usually the case. This figure represents
the dynamic range of the ADC when a full-scale signal
is used at the input. This specification depends mainly
on the DITHER setting.
EQUATION 4-9:
4.13
MCP3918 Delta-Sigma
Architecture
The MCP3918 incorporates one delta-sigma ADC with
a multi-bit architecture. A delta-sigma ADC is an
oversampling converter that incorporates a built-in
modulator, which digitizes the quantity of charges
integrated by the modulator loop (see Figure 5-1). The
quantizer
is
the
block
that
performs
the
analog-to-digital conversion. The quantizer is typically
1-bit, or a simple comparator, which helps maintain the
linearity performance of the ADC (the DAC structure is,
in this case, inherently linear).
Multi-bit quantizers help lower the quantization error
(the error fed back in the loop can be very large with
1-bit quantizers) without changing the order of the
modulator or the OSR, which leads to better SNR
figures. However, typically, the linearity of such
architectures is more difficult to achieve since the DAC
linearity is as difficult to attain, and its linearity limits the
THD of such ADC.
The 5-level quantizer present in MCP3918 is a Flash
ADC composed of four comparators arranged with
equally spaced thresholds and a thermometer coding.
For improved THD figures, the MCP3918 also includes
proprietary 5-level DAC architecture that is inherently
linear.
4.14
Idle Tones
A delta-sigma converter is an integrating converter. It
also has a finite quantization step (LSB) which can be
detected by its quantizer. A DC input voltage that is
below the quantization step should only provide an
all zeros result, since the input is not large enough to
be detected. As an integrating device, any delta-sigma
ADC will show idle tones. This means that the output
will have spurs in the frequency content that depend on
the ratio between the quantization step voltage and the
input voltage. These spurs are the result of the
integrated sub-quantization step inputs that will
eventually cross the quantization steps after a long
enough integration. This will induce an AC frequency at
the output of the ADC, and can be shown in the ADC
output spectrum.
These idle tones are residues that are inherent to the
quantization process and to the fact that the converter
is integrating at all times without being reset. They are
residues of the finite resolution of the conversion
process. They are very difficult to attenuate and they
are heavily signal-dependent. They can degrade the
SFDR and THD of the converter, even for DC inputs.
They can be localized in the baseband of the converter
and are thus difficult to filter from the actual input signal.
For power metering applications, idle tones can be very
disturbing, because energy can be detected even at
the 50 or 60 Hz frequency, depending on the DC offset
of the ADC, while no power is really present at the
inputs. The only practical way to suppress or attenuate
the idle tones phenomenon is to apply dithering to the
ADC. The amplitudes of the idle tones are a function of
the order of the modulator, the OSR and the number of
levels in the quantizer of the modulator. A higher order,
a higher OSR, or a higher number of levels for the
quantizer will attenuate the amplitudes of the idle
tones.
THD dB

10
HarmonicsPower
FundamentalPower
-----------------------------------------------------


log
=
THD %

100
10
THD dB

20
------------------------
=
SFDR dB

10
FundamentalPower
HighestSpurPower
-----------------------------------------------------


log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com