Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/ML Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP3918A1-E/ML
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/ML Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP3918A1-E/ML Datasheet HTML 58Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 59Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 60Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 61Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 62Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 63Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 64Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 65Page - Microchip Technology MCP3918A1-E/ML Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
MCP3918
DS20005287A-page 62
 2014 Microchip Technology Inc.
8.4
Sampling Speed and Bandwidth
If ADC power consumption is not a concern in the
design, the boost settings can be increased for best
performance so that the OSR is always kept at the
maximum settings to improve the SINAD performance
(see Table 7-1). If the MCU cannot generate a clock
fast enough, it is possible to tap the OSC1/OSC2 pins
of the MCP3918 crystal oscillator directly to the crystal
of the microcontroller. When the sampling frequency is
enlarged, the phase resolution is improved, and with
the OSR increased, the phase compensation range
can be kept in the same range as the default settings.
8.5
Differential Inputs Anti-Aliasing
Filter
Due to the nature of the ADC used in the MCP3918
(oversampling converter), each differential input of the
ADC channels requires an anti-aliasing filter so that the
oversampling frequency (DMCLK) is largely attenuated
and does not generate any disturbances on the ADC
accuracy. This anti-aliasing filter also needs to have a
gain close to the one in the signal bandwidth of interest.
Typically, for 50/60 Hz measurement and default
settings (DMCLK = 1 MHz), a simple RC filter with
1k
 and 100 nF can be used. The anti-aliasing filter
used for the measurement graphs is a first-order RC
filter with 1 k
 and 15 nF. The typical schematic for
connecting a current transformer to the ADC is shown
in Figure 8-6. If wires are involved, twisting them is also
recommended.
FIGURE 8-6:
First-Order Anti-Aliasing
Filter for CT-Based Designs.
The di/dt current sensors, such as Rogowski coils, can
be an alternative to current transformers. Since these
sensing
elements
are
highly
sensitive
to
high-frequency
electromagnetic
fields,
using
a
second-order anti-aliasing filter is recommended to
increase the attenuation of potential perturbing RF
signals.
FIGURE 8-7:
Second-Order Anti-Aliasing
Filter for Rogowski Coil-Based Designs.
The filter presented in Figure 8-7 is an anti-aliasing
filter. The di/dt integrator can be created in firmware as
a first-order low-pass filter with corner frequency much
lower than the input signal.
The MCP3918 is highly recommended in applications
using di/dt as current sensors because of the extremely
low noise floor at low frequencies. In such applications,
a low-pass filter (LPF) with a cut-off frequency much
lower than the signal frequency (50/60 Hz for metering)
is used to compensate for the 90 degree shift and for
the 20 db/decade attenuation induced by the di/dt
sensor. Because of this filter, the SNR will be
decreased, since the signal will be attenuated by a few
orders of magnitude, while the low-frequency noise will
not be attenuated. Usually, a high-order high-pass filter
(HPF) is used to attenuate the low-frequency noise in
order to prevent a dramatic degradation of the SNR,
which can be very important in other parts. A high-order
filter will also consume a significant portion of the
computation power of the MCU. When using the
MCP3918, such a high-order HPF is not required, since
this part has a low noise floor at low frequencies. A
first-order HPF is enough to achieve very good
accuracy.
TABLE 8-1:
SAMPLING SPEED VS. MCLK
AND OSR, ADC PRESCALE
1:1
MCLK
(MHz)
Boost
OSR
Sampling
Speed
(ksps)
16
0b11
1024
3.91
14
0b11
1024
3.42
12
0b11
1024
2.93
10
0b10
1024
2.44
8
0b10
512
3.91
6
0b01
512
2.93
4
0b01
256
3.91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com