Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 333 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 333 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 329Page - Texas Instruments TMS320DM814X Datasheet HTML 330Page - Texas Instruments TMS320DM814X Datasheet HTML 331Page - Texas Instruments TMS320DM814X Datasheet HTML 332Page - Texas Instruments TMS320DM814X Datasheet HTML 333Page - Texas Instruments TMS320DM814X Datasheet HTML 334Page - Texas Instruments TMS320DM814X Datasheet HTML 335Page - Texas Instruments TMS320DM814X Datasheet HTML 336Page - Texas Instruments TMS320DM814X Datasheet HTML 337Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 8-80. McBSP Registers(1) (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4700 0118
RCR2_REG
McBSP receive control 2
0x4700 011C
RCR1_REG
McBSP receive control 1
0x4700 0120
XCR2_REG
McBSP transmit control 2
0x4700 0124
XCR1_REG
McBSP transmit control 1
0x4700 0128
SRGR2_REG
McBSP sample rate generator 2
0x4700 012C
SRGR1_REG
McBSP sample rate generator 1
0x4700 0130
MCR2_REG
McBSP multichannel 2
0x4700 0134
MCR1_REG
McBSP multichannel 1
0x4700 0138
RCERA_REG
McBSP receive channel enable partition A
0x4700 013C
RCERB_REG
McBSP receive channel enable partition B
0x4700 0140
XCERA_REG
McBSP transmit channel enable partition A
0x4700 0144
XCERB_REG
McBSP transmit channel enable partition B
0x4700 0148
PCR_REG
McBSP pin control
0x4700 014C
RCERC_REG
McBSP receive channel enable partition C
0x4700 0150
RCERD_REG
McBSP receive channel enable partition D
0x4700 0154
XCERC_REG
McBSP transmit channel enable partition C
0x4700 0158
XCERD_REG
McBSP transmit channel enable partition D
0x4700 015C
RCERE_REG
McBSP receive channel enable partition E
0x4700 0160
RCERF_REG
McBSP receive channel enable partition F
0x4700 0164
XCERE_REG
McBSP transmit channel enable partition E
0x4700 0168
XCERF_REG
McBSP transmit channel enable partition F
0x4700 016C
RCERG_REG
McBSP receive channel enable partition G
0x4700 0170
RCERH_REG
McBSP receive channel enable partition H
0x4700 0174
XCERG_REG
McBSP transmit channel enable partition G
0x4700 0178
XCERH_REG
McBSP transmit channel enable partition H
0x4700 017C
REV_REG
McBSP revision number
0x4700 0180
RINTCLR_REG
McBSP receive interrupt clear
0x4700 0184
XINTCLR_REG
McBSP transmit interrupt clear
0x4700 0188
ROVFLCLR_REG
McBSP receive overflow interrupt clear
0x4700 018C
SYSCONFIG_REG
McBSP system configuration
0x4700 0190
THRSH2_REG
McBSP transmit buffer threshold (DMA or IRQ trigger)
0x4700 0194
THRSH1_REG
McBSP receive buffer threshold (DMA or IRQ trigger)
0x4700 01A0
IRQSTATATUS
McBSP interrupt status (OCP compliant IRQ line)
0x4700 01A4
IRQENABLE
McBSP interrupt enable (OCP compliant IRQ line)
0x4700 01A8
WAKEUPEN
McBSP wakeup enable
0x4700 01AC
XCCR_REG
McBSP transmit configuration control
0x4700 01B0
RCCR_REG
McBSP receive configuration control
0x4700 01B4
XBUFFSTAT_REG
McBSP transmit buffer status
0x4700 01B8
RBUFFSTAT_REG
McBSP receive buffer status
0x4700 01C0
STATUS_REG
McBSP status
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
333
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com