Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 337 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 337 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 333Page - Texas Instruments TMS320DM814X Datasheet HTML 334Page - Texas Instruments TMS320DM814X Datasheet HTML 335Page - Texas Instruments TMS320DM814X Datasheet HTML 336Page - Texas Instruments TMS320DM814X Datasheet HTML 337Page - Texas Instruments TMS320DM814X Datasheet HTML 338Page - Texas Instruments TMS320DM814X Datasheet HTML 339Page - Texas Instruments TMS320DM814X Datasheet HTML 340Page - Texas Instruments TMS320DM814X Datasheet HTML 341Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.16 MultiMedia Card/Secure Digital/Secure Digital Input Output (MMC/SD/SDIO)
The device includes 3 MMC/SD/SDIO Controllers which are compliant with MMC V4.3, Secure Digital Part
1 Physical Layer Specification V2.00 and Secure Digital Input Output (SDIO) V2.00 specifications.
The device MMC/SD/SDIO Controller has the following features:
•
MultiMedia card (MMC)
•
Secure Digital (SD) memory card
•
MMC/SD protocol support
•
SDIO protocol support
•
Programmable clock frequency
•
1024 byte read/write FIFO to lower system overhead
•
Slave EDMA transfer capability
•
SD High capacity support
8.16.1 MMC/SD/SDIO Peripheral Register Descriptions
Table 8-85. MMC/SD/SDIO Registers(1)
MMC/SD/SDIO0
MMC/SD/SDIO1
MMC/SD/SDIO2
ACRONYM
REGISTER NAME
HEX ADDRESS
HEX ADDRESS
HEX ADDRESS
0x4806 0000
0x481D 8000
0x4781 0000
MMCHS_HL_REV
IP Revision Identifier
0x4806 0004
0x481D 8004
0x4781 0004
MMCHS_HL_HWINF
Hardware Configuration
O
0x4806 0010
0x481D 8010
0x4781 0010
MMCHS_HL_SYSCO Clock Management Configuration
NFIG
0x4806 0110
0x481D 8110
0x4781 0110
MMCHS_SYSCONFI
System Configuration
G
0x4806 0114
0x481D 8114
0x4781 0114
MMCHS_SYSSTATU System Status
S
0x4806 0124
0x481D 8124
0x4781 0124
MMCHS_CSRE
Card status response error
0x4806 0128
0x481D 8128
0x4781 0128
MMCHS_SYSTEST
System Test
0x4806 012C
0x481D 812C
0x4781 012C
MMCHS_CON
Configuration
0x4806 0130
0x481D 8130
0x4781 0130
MMCHS_PWCNT
Power counter
0x4806 0200
0x481D 8200
0x4781 0200
MMCHS_SDMASA
SDMA System address:
0x4806 0204
0x481D 8204
0x4781 0204
MMCHS_BLK
Transfer Length Configuration
0x4806 0208
0x481D 8208
0x4781 0208
MMCHS_ARG
Command argument
0x4806 020C
0x481D 820C
0x4781 020C
MMCHS_CMD
Command and transfer mode
0x4806 0210
0x481D 8210
0x4781 0210
MMCHS_RSP10
Command Response 0 and 1
0x4806 0214
0x481D 8214
0x4781 0214
MMCHS_RSP32
Command Response 2 and 3
0x4806 0218
0x481D 8218
0x4781 0218
MMCHS_RSP54
Command Response 4 and 5
0x4806 021C
0x481D 821C
0x4781 021C
MMCHS_RSP76
Command Response 6 and 7
0x4806 0220
0x481D 8220
0x4781 0220
MMCHS_DATA
Data
0x4806 0224
0x481D 8224
0x4781 0224
MMCHS_PSTATE
Present state
0x4806 0228
0x481D 8228
0x4781 0228
MMCHS_HCTL
Host Control
0x4806 022C
0x481D 822C
0x4781 022C
MMCHS_SYSCTL
SD system control
0x4806 0230
0x481D 8230
0x4781 0230
MMCHS_STAT
Interrupt status
0x4806 0234
0x481D 8234
0x4781 0234
MMCHS_IE
Interrupt SD enable
0x4806 0238
0x481D 8238
0x4781 0238
MMCHS_ISE
Interrupt Signal Enable
0x4806 023C
0x481D 823C
0x4781 023C
MMCHS_AC12
Auto CMD12 Error Status
0x4806 0240
0x481D 8240
0x4781 0240
MMCHS_CAPA
Capabilities
0x4806 0248
0x481D 8248
0x4781 0248
MMCHS_CUR_CAPA Maximum current capabilities
(1)
SD/SDIO registers are limited to 32-bit data accesses; 16-bit and 8-bit accesses are not allowed and can corrupt register content.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
337
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com