Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 335 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 335 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 331Page - Texas Instruments TMS320DM814X Datasheet HTML 332Page - Texas Instruments TMS320DM814X Datasheet HTML 333Page - Texas Instruments TMS320DM814X Datasheet HTML 334Page - Texas Instruments TMS320DM814X Datasheet HTML 335Page - Texas Instruments TMS320DM814X Datasheet HTML 336Page - Texas Instruments TMS320DM814X Datasheet HTML 337Page - Texas Instruments TMS320DM814X Datasheet HTML 338Page - Texas Instruments TMS320DM814X Datasheet HTML 339Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 377 page
background image
MCB_CLK
MCB_FS
MCB_DX
MCB_DR
MCB_DX7
4
5
1
2
3
6
7
MCB_DX6
MCB_DX0
MCB_DR7
MCB_DR6
MCB_DR0
4
5
5
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
A.
The timings apply to all configurations regardless of MCB_CLK polarity and which clock edges are used to drive
output data and capture input data.
B.
MCBSP_CLK corresponds to either MCBSP_CLKX or MCBSP_CLKR; MCBSP_FS corresponds to either
MCBSP_FSX
or
MCBSP_FSR.
McBSP
in
6-pin
mode:
DX
and
DR
as
data
pins;
CLKX,
CLKR,
FSX
and
FSR
as
control
pins.
McBSP in 4-pin mode: DX and DR as data pins; CLKX and FSX pins as control pins. The CLKX and FSX pins are
internally looped back via software configuration, respectively to the CLKR and FSR internal signals for data receive.
C.
The polarity of McBSP frame synchronization is software configurable.
D.
The active clock edge selection of MCBSP_CLK (rising or falling) on which MCBSP_DX data is latched and
MCBSP_DR data is sampled is software configurable.
E.
Timing diagrams are for data delay set to 1.
F.
For further details about the registers used to configure McBSP, see the Multichannel Buffered Serial Port (McBSP)
chapter of the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number:
SPRUGZ8).
Figure 8-83. McBSP Master Mode Timing
Table 8-83. Timing Requirements for McBSP - Slave Mode(1)
(see Figure 8-84)
OPP100/120/166
NO.
UNIT
MIN
MAX
1
tc(CLK)
Cycle time, MCB_CLK period(2)
20.83
ns
2
tw(CLKL)
Pulse duration, MCB_CLK low(2)
0.5*P - 1(3)
ns
3
tw(CLKH)
Pulse duration, MCB_CLK high(2)
0.5*P - 1(3)
ns
4
tsu(FSV-CLKAE)
Setup time, MCB_FS valid before MCB_CLK active edge(2)(4)
3.8
ns
5
th(CLKAE-FSV)
Hold time, MCB_FS valid after MCB_CLK active edge(2)(4)
0.5
ns
7
tsu(DRV-CLKAE)
Setup time, MCB_DR valid before MCB_CLK active edge (2)
3.8
ns
8
th(CLKAE-DRV)
Hold time, MCB_DR valid after MCB_CLK active edge(2)
0.5
ns
(1)
The timings apply to all configurations regardless of MCB_CLK polarity and which clock edges are used to drive output data and capture
input data.
(2)
MCB_CLK corresponds to either MCB_CLKX or MCB_CLKR.
(3)
P = MCB_CLKX/MCB_CLKR output CLK period, in ns; use whichever value is greater. This parameter applies to the maximum McBSP
frequency. Operate serial clocks (CLKX/R) in the reasonable range of 40/60 duty cycle.
(4)
MCB_FS corresponds to either MCB_FSX or MCB_FSR.
Table 8-84. Switching Characteristics Over Recommended Operating Conditions for McBSP - Slave
Mode(1)
(see Figure 8-84)
OPP100/120/166
NO.
PARAMETER
UNIT
MIN
MAX
6
td(CLKXAE-DXV)
Delay time, input MCB_CLKx active edge to output MCB_DX valid
0.5
12.5
ns
(1)
The timings apply to all configurations regardless of MCB_CLK polarity and which clock edges are used to drive output data and capture
input data.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
335
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com