Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 342 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 342 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 338Page - Texas Instruments TMS320DM814X Datasheet HTML 339Page - Texas Instruments TMS320DM814X Datasheet HTML 340Page - Texas Instruments TMS320DM814X Datasheet HTML 341Page - Texas Instruments TMS320DM814X Datasheet HTML 342Page - Texas Instruments TMS320DM814X Datasheet HTML 343Page - Texas Instruments TMS320DM814X Datasheet HTML 344Page - Texas Instruments TMS320DM814X Datasheet HTML 345Page - Texas Instruments TMS320DM814X Datasheet HTML 346Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-88. PCIe Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x5100 03A8
SERDES_TXCFG1
SerDes Transmit Configuration 1 Register
0x5100 03AC
SERDES_TXCFG2
SerDes Transmit Configuration 2 Register
0x5100 03B0
SERDES_TXCFG3
SerDes Transmit Configuration 3 Register
0x5100 03B4
SERDES_TXCFG4
SerDes Transmit Configuration 4 Register
Table 8-89. Configuration Registers Type 0 Summary
HEX ADDRESS
ACRONYM
NAME
5100_1000
VENDOR_DEVICE Vendor Device ID Register
_ID
5100_1004
STATUS_COMMA
Status and Command
ND
Register
5100_1008
CLASSCODE_RE
Class Code and Revision
VID
Register
5100_100C
BIST_HEADER
BIST, Header Type, Latency
Time, and Cache Line Size
register
5100_1010
BAR0 (64/-32-Bit
Base Address Register 0
Mode)
5100_1014
BAR1 (32-Bit
Base Address Register 1
Mode)
BAR1 (64-Bit
Base Address Register 1 (64-
Mode)
bit BAR0)
5100_1018
BAR2 (64/-32-Bit
Base Address Register 2
Mode)
5100_101C
BAR3 (32-Bit
Base Address Register 3
Mode)
BAR3 (64-Bit
Base Address Register 3 (64-
Mode)
bit BAR2)
5100_1020
BAR4 (64/-32-Bit
Base Address Register 4
Mode)
5100_1024
BAR5 (32-Bit
Base Address Register 5
Mode)
BAR5 (64-Bit
Base Address Register 5 (64-
Mode)
bit BAR4)
5100_1028
CARDBUS
CardBus CIS Pointer
Register
5100_102C
SUBSYS_VNDR_I
Subsystem and Subsystem
D
Vendor ID Register
5100_1030
EXPNSN_ROM
Expansion ROM Base
Address Register
5100_1034
CAP_PTR
Capabilities Pointer Register
5100_103C
INT_PIN
Interrupt Pin Register
Table 8-90. Configuration Registers Type 1 Summary
HEX ADDRESS
ACRONYM
NAME
5100_1000
VENDOR_DEVICE_ID
Vendor Device ID Register
5100_1004
STATUS_COMMAND
Status and Command Register
5100_1008
CLASSCODE_REVID
Class Code and Revision Register
5100_100C
BIST_HEADER
BIST, Header Type, Latency Time, and Cache Line Size
register
5100_1010
BAR0 (64/-32-Bit Mode)
Base Address Register 0 (64/32-bit mode)
342
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com