Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 345 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 345 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 341Page - Texas Instruments TMS320DM814X Datasheet HTML 342Page - Texas Instruments TMS320DM814X Datasheet HTML 343Page - Texas Instruments TMS320DM814X Datasheet HTML 344Page - Texas Instruments TMS320DM814X Datasheet HTML 345Page - Texas Instruments TMS320DM814X Datasheet HTML 346Page - Texas Instruments TMS320DM814X Datasheet HTML 347Page - Texas Instruments TMS320DM814X Datasheet HTML 348Page - Texas Instruments TMS320DM814X Datasheet HTML 349Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.17.3.2.1 Coupling Capacitors
AC coupling capacitors are required on the transmit data pair. Table 8-96 shows the requirements for
these capacitors.
Table 8-96. AC Coupling Capacitors Requirements
PARAMETER
MIN
TYP
MAX
UNIT
PCIe AC coupling capacitor value
75
200
nF
PCIe AC coupling capacitor package size(1)
0402
0603
EIA(2)
(1)
The physical size of the capacitor should be as small as practical. Use the same size on both lines in each pair, placed side by side.
(2)
EIA LxW units; that is, a 0402 is a 40x20 mil (thousandths of an inch) surface-mount capacitor.
8.17.3.2.2 Polarity Inversion
The PCIe specification requires polarity inversion support. This means, for layout purposes, polarity is
unimportant since each signal can change its polarity on-die inside the chip. This means polarity within a
lane is unimportant for layout.
8.17.3.3 Non-Standard PCIe Connections
The following sections contain suggestions for any PCIe connection that is not described in the official
PCIe specification, such as an on-board device-to-device connection, or device-to-other PCIe-compliant
processor connection.
8.17.3.3.1 PCB Stackup Specifications
Table 8-97 shows the stackup and feature sizes required for these types of PCIe connections.
Table 8-97. PCIe PCB Stackup Specifications
PARAMETER
MIN
TYP
MAX
UNIT
PCB Routing/Plane Layers
4
6
-
Layers
Signal Routing Layers
2
3
-
Layers
Number of ground plane cuts allowed within PCIe routing region
-
-
0
Cuts
Number of layers between PCIe routing area and reference plane(1)
-
-
0
Layers
PCB Routing clearance
-
4
-
Mils
PCB Trace width(2)
-
4
-
Mils
PCB BGA escape via pad size
-
20
-
Mils
PCB BGA escape via hole size
-
10
Mils
Processor BGA pad size(3)(4)
0.4
mm
(1)
A reference plane may be a ground plane or the power plane referencing the PCIe signals.
(2)
In breakout area.
(3)
Non-solder mask defined pad.
(4)
Per IPC-7351A BGA pad size guideline.
8.17.3.3.2 Routing Specifications
The PCIe data signal traces must be routed to achieve 100
Ω (±20%) differential impedance and 60 Ω
(±15%) single-ended impedance. The single-ended impedance is required because differential signals are
extremely difficult to closely couple on PCBs and, therefore, single-ended impedance becomes important.
These requirements are the same as those recommended in the PCIe Motherboard Checklist 1.0
document, available from PCI-SIG.
These impedances are impacted by trace width, trace spacing, distance between signals and referencing
planes, and dielectric material. Verify with a PCB design tool that the trace geometry for both data signal
pairs result in as close to 100
Ω differential impedance and 60 Ω single-ended impedance as possible. For
best accuracy, work with your PCB fabricator to ensure this impedance is met.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
345
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com