Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 349 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 349 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 345Page - Texas Instruments TMS320DM814X Datasheet HTML 346Page - Texas Instruments TMS320DM814X Datasheet HTML 347Page - Texas Instruments TMS320DM814X Datasheet HTML 348Page - Texas Instruments TMS320DM814X Datasheet HTML 349Page - Texas Instruments TMS320DM814X Datasheet HTML 350Page - Texas Instruments TMS320DM814X Datasheet HTML 351Page - Texas Instruments TMS320DM814X Datasheet HTML 352Page - Texas Instruments TMS320DM814X Datasheet HTML 353Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.18.2.2 Compatible SATA Components and Modes
Table 8-100 shows the compatible SATA components and supported modes. Note that the only supported
configuration is an internal cable from the processor host to the SATA device.
Table 8-100. SATA Supported Modes
PARAMETER
MIN
MAX
UNIT
SUPPORTED
Transfer Rates
1.5
3.0
Gbps
xSATA
-
-
-
No
Backplane
-
-
-
No
Internal Cable (iSATA)
-
-
-
Yes
8.18.2.3 PCB Stackup Specifications
Table 8-101 shows the PCB stackup and feature sizes required for SATA.
Table 8-101. SATA PCB Stackup Specifications
PARAMETER
MIN
TYP
MAX
UNIT
PCB routing/plane layers
4
6
-
Layers
Signal routing layers
2
3
-
Layers
Number of ground plane cuts allowed within SATA routing region
-
-
0
Cuts
Number of layers between SATA routing region and reference ground plane
-
-
0
Layers
PCB trace width, w
-
4
-
Mils
PCB BGA escape via pad size
-
20
-
Mils
PCB BGA escape via hole size
-
10
Mils
Processor BGA pad size(1)
0.4
mm
(1)
NSMD pad, per IPC-7351A BGA pad size guideline.
8.18.2.4 Routing Specifications
The SATA data signal traces must be routed to achieve 100
Ω (±20%) differential impedance and 60 Ω
(±15%) single-ended impedance. The single-ended impedance is required because differential signals are
extremely difficult to closely couple on PCBs and, therefore, single-ended impedance becomes important.
60
Ω is chosen for the single-ended impedance to minimize problems caused by too low an impedance.
These impedances are impacted by trace width, trace spacing, distance to reference planes, and dielectric
material. Verify with a PCB design tool that the trace geometry for both data signal pairs results in as
close to 100
Ω differential impedance and 60 Ω single-ended impedance traces as possible. For best
accuracy, work with your PCB fabricator to ensure this impedance is met.
Table 8-102 shows the routing specifications for the SATA data signals.
Table 8-102. SATA Routing Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Processor-to-SATA header trace length
10(1)
Inches
Number of stubs allowed on SATA traces(2)
0
Stubs
TX/RX pair differential impedance
80
100
120
Ω
TX/RX single ended impedance
51
60
69
Ω
Number of vias on each SATA trace
3
Vias(3)
SATA differential pair to any other trace spacing
2*DS(4)
(1)
Beyond this, signal integrity may suffer.
(2)
In-line pads may be used for probing.
(3)
Vias must be used in pairs with their distance minimized.
(4)
DS = differential spacing of the SATA traces.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
349
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com