Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 347 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 347 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 343Page - Texas Instruments TMS320DM814X Datasheet HTML 344Page - Texas Instruments TMS320DM814X Datasheet HTML 345Page - Texas Instruments TMS320DM814X Datasheet HTML 346Page - Texas Instruments TMS320DM814X Datasheet HTML 347Page - Texas Instruments TMS320DM814X Datasheet HTML 348Page - Texas Instruments TMS320DM814X Datasheet HTML 349Page - Texas Instruments TMS320DM814X Datasheet HTML 350Page - Texas Instruments TMS320DM814X Datasheet HTML 351Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.18 Serial ATA Controller (SATA)
The Serial ATA (SATA) peripheral provides a direct interface to one hard disk drive (SATA 300) or up to
15 hard disk drives using a Port Multiplier and supports the following features:
•
Serial ATA 1.5 Gbps and 3 Gbps speeds
•
Integrated PHY
•
Integrated Rx and Tx data buffers
•
Supports all SATA power management features
•
Hardware-assisted native command queuing (NCQ) for up to 32 entries
•
Supports port multiplier with command-based switching
•
Activity LED support.
8.18.1 SATA Peripheral Register Descriptions
Table 8-99. SATA Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4A14 0000
CAP
HBA Capabilities
0x4A14 0004
GHC
Global HBA Control
0x4A14 0008
IS
Interrupt Status
0x4A14 000C
PI
Ports Implemented
0x4A14 0010
VS
AHCI Version
0x4A14 0014
CCC_CTL
Command Completion Coalescing Control
0x4A14 0018
CCC_PORTS
Command Completion Coalescing Ports
0x4A14 001C - 0x4A14 009C
-
Reserved
0x4A14 00A0
BISTAFR
BIST Active FIS
0x4A14 00A4
BISTCR
BIST Control
0x4A14 00A8
BISTFCTR
BIST FIS Count
0x4A14 00AC
BISTSR
BIST Status
0x4A14 00B0
BISTDECR
BIST DWORD Error Count
0x4A14 00B4 - 0x4A14 00DF
-
Reserved
0x4A14 00E0
TIMER1MS
BIST DWORD Error Count
0x4A14 00E4
-
Reserved
0x4A14 00E8
GPARAM1R
Global Parameter 1
0x4A14 00EC
GPARAM2R
Global Parameter 2
0x4A14 00F0
PPARAMR
Port Parameter
0x4A14 00F4
TESTR
Test
0x4A14 00F8
VERSIONR
Version
0x4A14 00FC
IDR (PID)
ID
0x4A14 0100
P0CLB
Port 0 Command List Base Address
0x4A14 0104
-
Reserved
0x4A14 0108
P0FB
Port 0 FIS Base Address
0x4A14 010C
-
Reserved
0x4A14 0110
P0IS
Port 0 Interrupt Status
0x4A14 0114
P0IE
Port 0 Interrupt Enable
0x4A14 0118
P0CMD
Port 0 Command
0x4A14 011C
-
Reserved
0x4A14 0120
P0TFD
Port 0 Task File Data
0x4A14 0124
P0SIG
Port 0 Signature
0x4A14 0128
P0SSTS
Port 0 Serial ATA Status (SStatus)
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
347
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com