Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 110Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 111Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 112Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 113Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 114Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 115Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 116Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 117Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 114 of 190
Aug 24, 2016
RX65N Group, RX651 Group
5. Electrical Characteristics
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Supply of the clock signal to peripheral modules is stopped in this state.
Note 3. ICC depends on f (ICLK) as follows. (ICLK/PCLKA:PCLKB/PCLKC/PCLKD:BCLK:BCLK pin = 10:5:10:5 when EXTAL = 12 MHz)
ICC Max. = 0.31 × f + 6.5 (max. operation in high-speed operating mode)
ICC Typ. = 0.16 × f + 2.8 (ICLK 1 MHz max) (normal operation in high-speed operating mode)
ICC Typ. = 0.4 × f + 1.1 (low-speed operating mode 1)
ICC Max. = 0.15 × f + 6.5 (sleep mode)
Note 4. Whether supply of the clock signal to peripheral modules continues or is stopped only depends on the state determined by the
settings of the bits in module stop control registers A to D.
The setting for the peripheral module clock stopped state is FCLK = BCLK = PCLKA = PCLKB = PCLKC = PCLKD = BCLK pin
= 3.75 MHz (division by 64).
Note 5. The low power consumption function is disabled and DEEPCUT[1:0] = 01b.
Note 6. The low power consumption function is enabled and DEEPCUT[1:0] = 11b.
Note 7. Reference value
Table 5.5
DC Characteristics (3)
Conditions: VCC = AVCC0 = AVCC1 = VREFH0 = VCC_USB = 2.7 to 3.6 V, 2.7
≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Supply
current*1
Max.*2
ICC*3
—
—
40
mA
ICLK = 120 MHz
PCLKA = 120 MHz
PCLKB = 60 MHz
PCLKC = 60 MHz
PCLKD = 60 MHz
FCLK = 60 MHz
BCLK = 120 MHz
BCLK pin = 60 MHz
Normal
Peripheral function clock signal
supplied*4
—22
—
Peripheral function clock signal
stopped*4
—12
—
Coremark
Peripheral function clock signal
stopped*4
—15
—
Sleep mode: Supply of the clock signal to peripheral
modules is stopped*4
16
24
All-module-clock-stop mode (reference value)
—
8
15
Low-speed operating mode 1: Supply of the clock signal
to peripheral modules is stopped*4
—
1.1
—
All clocks 1 MHz
Low-speed operating mode 2: Supply of the clock signal
to peripheral modules is stopped*4
—
1.1
—
All clocks 32.768 kHz
Software standby mode
—
1.6
6.4
Power supplied to standby RAM and USB resume
detecting unit (USB0 only)
—
15.5
51
μA
Power not
supplied to
standby RAM and
USB resume
detecting unit
(USB0 only)
Power-on reset circuit and low-
power consumption function
disabled*5
—
11.5
29
Power-on reset circuit and low-
power consumption function
enabled*6
—4.9
20
Increased by
RTC operation
When a crystal oscillator for low
clock loads is in use
—1
—
When a crystal oscillator for
standard clock loads is in use
—2
—
RTC operating while
VCC is off (with the
battery backup
function, only the RTC
and sub-clock
oscillator operate)
When a crystal oscillator for low
clock loads is in use
—0.9
—
VBATT = 2.0 V,
VCC = 0 V
—1.6
—
VBATT = 3.3 V,
VCC = 0 V
When a crystal oscillator for
standard clock loads is in use
—1.7
—
VBATT = 2.0 V,
VCC = 0 V
—3.3
—
VBATT = 3.3 V,
VCC = 0 V
Inrush current on
returning from deep
software standby mode
Inrush current*7
IRUSH
——
70
mA
Energy of inrush current*7
ERUSH
——
1.0
μC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com