Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 108Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 109Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 110Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 111Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 112Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 113Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 114Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 115Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 112 of 190
Aug 24, 2016
RX65N Group, RX651 Group
5. Electrical Characteristics
5.2
DC Characteristics
Note 1. This does not include the pins, which are multiplexed as ports for 5 V tolerant.
Note 2. Ports 07, 12 to 17, 20, 21, 30 to 33, 67, and C0 to C3 are 5 V tolerant.
Note 3. For P32, P31, and P30, input as follows when the VBATT power supply is selected.
VIH Min. = VBATT × 0.8, VIL Max. = VBATT × 0.2 (VBATT = 2.0 to 3.6 V)
Table 5.3
DC Characteristics (1)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Schmitt trigger
input voltage
IRQ input pin*1
MTU input pin*1
POE3 input pin*1
TPU input pin*1
TMR input pin*1
CMT2 input pin*1
SCI input pin*1
CAN input pin*1
CAC input pin*1
ADTRG# input pin*1
QSPI input pin*1
RES#, NMI, TCK
VIH
VCC × 0.8
—
—
V
VIL
—
—
VCC × 0.2
∆V
T
VCC × 0.06
—
—
RIIC input pin
(except for SMBus)
VIH
VCC × 0.7
—
—
VIL
—
—
VCC × 0.3
∆V
T
VCC × 0.05
—
—
Ports for 5 V tolerant*2
VIH
VCC × 0.8
—
—
VIL
—
—
VCC × 0.2
Other input pins excluding ports
for 5 V tolerant*3
VIH
VCC × 0.8
—
—
VIL
—
—
VCC × 0.2
Input high voltage
(except for Schmitt
trigger input pin)
MD pin, EMLE
VIH
VCC × 0.9
—
—
V
EXTAL, RSPI input pin,
EXDMAC input pin, WAIT#,
SDHI input pin, MMC input pin,
PDC input pin, SDSI input pin
VCC × 0.8
—
—
ETHERC input pin
2.3
—
—
D0 to D15
VCC × 0.7
—
—
RIIC (SMBus)
2.1
—
—
Input low voltage
(except for Schmitt
trigger input pin)
MD pin, EMLE
VIL
—
—
VCC × 0.1
V
EXTAL, RSPI input pin,
ETHERC input pin,
EXDMAC input pin, WAIT#,
SDHI input pin, MMC input pin,
PDC input pin, SDSI input pin
—
—
VCC × 0.2
D0 to D15
—
—
VCC × 0.3
RIIC (SMBus)
—
—
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com