Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 105Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 106Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 107Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 108Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 109Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 110Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 111Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 112Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 109 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
000D 0074h
SCI11
FIFO Control Register
FCR.H
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0075h
SCI11
FIFO Control Register
FCR.L
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0074h
SCI11
FIFO Control Register
FCR
16
16
5, 6 PCLKA
1 to 3 ICLK
SCIi
000D 0076h
SCI11
FIFO Data Count Register
FDR.H
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0077h
SCI11
FIFO Data Count Register
FDR.L
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0076h
SCI11
FIFO Data Count Register
FDR
16
16
5, 6 PCLKA
1 to 3 ICLK
SCIi
000D 0078h
SCI11
Line Status Register
LSR.H
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0079h
SCI11
Line Status Register
LSR.L
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0078h
SCI11
Line Status Register
LSR
16
16
5, 6 PCLKA
1 to 3 ICLK
SCIi
000D 007Ah
SCI11
Comparison Data Register
CDR.H
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 007Bh
SCI11
Comparison Data Register
CDR.L
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 007Ah
SCI11
Comparison Data Register
CDR
16
16
5, 6 PCLKA
1 to 3 ICLK
SCIi
000D 007Ch
SCI11
Serial Port Register
SPTR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0100h
RSPI0
RSPI Control Register
SPCR
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0101h
RSPI0
RSPI Slave Select Polarity Register
SSLP
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0102h
RSPI0
RSPI Pin Control Register
SPPCR
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0103h
RSPI0
RSPI Status Register
SPSR
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0104h
RSPI0
RSPI Data Register
SPDR
32
8, 16,
32
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0108h
RSPI0
RSPI Sequence Control Register
SPSCR
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0109h
RSPI0
RSPI Sequence Status Register
SPSSR
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 010Ah
RSPI0
RSPI Bit Rate Register
SPBR
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 010Bh
RSPI0
RSPI Data Control Register
SPDCR
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 010Ch
RSPI0
RSPI Clock Delay Register
SPCKD
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 010Dh
RSPI0
RSPI Slave Select Negation Delay Register
SSLND
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 010Eh
RSPI0
RSPI Next-Access Delay Register
SPND
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 010Fh
RSPI0
RSPI Control Register 2
SPCR2
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0110h
RSPI0
RSPI Command Register 0
SPCMD0
16
16
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0112h
RSPI0
RSPI Command Register 1
SPCMD1
16
16
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0114h
RSPI0
RSPI Command Register 2
SPCMD2
16
16
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0116h
RSPI0
RSPI Command Register 3
SPCMD3
16
16
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0118h
RSPI0
RSPI Command Register 4
SPCMD4
16
16
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 011Ah
RSPI0
RSPI Command Register 5
SPCMD5
16
16
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 011Ch
RSPI0
RSPI Command Register 6
SPCMD6
16
16
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 011Eh
RSPI0
RSPI Command Register 7
SPCMD7
16
16
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0120h
RSPI0
RSPI Data Control Register 2
SPDCR2
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0140h
RSPI1
RSPI Control Register
SPCR
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0141h
RSPI1
RSPI Slave Select Polarity Register
SSLP
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0142h
RSPI1
RSPI Pin Control Register
SPPCR
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0143h
RSPI1
RSPI Status Register
SPSR
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0144h
RSPI1
RSPI Data Register
SPDR
32
8, 16,
32
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0148h
RSPI1
RSPI Sequence Control Register
SPSCR
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0149h
RSPI1
RSPI Sequence Status Register
SPSSR
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 014Ah
RSPI1
RSPI Bit Rate Register
SPBR
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 014Bh
RSPI1
RSPI Data Control Register
SPDCR
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 014Ch
RSPI1
RSPI Clock Delay Register
SPCKD
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 014Dh
RSPI1
RSPI Slave Select Negation Delay Register
SSLND
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 014Eh
RSPI1
RSPI Next-Access Delay Register
SPND
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 014Fh
RSPI1
RSPI Control Register 2
SPCR2
8
8
3, 4 PCLKA
1, 2 ICLK
RSPIc
000D 0150h
RSPI1
RSPI Command Register 0
SPCMD0
16
16
3, 4 PCLKA
1, 2 ICLK
RSPIc
Table 4.1
List of I/O Registers (Address Order) (55 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com