Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 107Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 108Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 109Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 110Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 111Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 112Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 113Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 114Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 111 of 190
Aug 24, 2016
RX65N Group, RX651 Group
5. Electrical Characteristics
5.
Electrical Characteristics
5.1
Absolute Maximum Ratings
Caution: Permanent damage to the LSI may result if absolute maximum ratings are exceeded.
Note 1. Ports 07, 12 to 17, 20, 21, 30 to 33, 67, and C0 to C3 are 5 V tolerant.
Note 2. Connect the AVCC0, AVCC1, and VCC_USB pins to VCC, and the AVSS0, AVSS1, and VSS_USB pins to VSS, respectively.
Do not leave these pins open.
When the A/D converter unit 0 is not to be used, connect the VREFH0 pin to VCC and the VREFL0 pin to VSS, respectively.
Do not leave these pins open. Insert capacitors of high frequency characteristics between the AVCC0 and AVSS0 pins, or
AVCC1 and AVSS1 pins. Place capacitors of about 0.1
μF as close as possible to every power supply pin and use the shortest
and heaviest possible traces.
Note 1. Comply with the following potential condition:
VCC = AVCC0 = AVCC1 = VCC_USB
Note 2. For details, see section 50.6.10, Voltage Range of Analog Power Supply Pins in the User’s Manual: Hardware.
Note 3. Ports 07, 12 to 17, 20, 21, 30 to 33, 67, and C0 to C3 are 5 V tolerant.
Note 4. For P32, P31, and P30, input as follows when the VBATT power supply is selected.
Vin Min. = –0.3, Max. = VBATT + 0.3 (VBATT = 2.0 to 3.6 V)
Table 5.1
Absolute Maximum Rating
Conditions: VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V
Item
Symbol
Value
Unit
Power supply voltage
VCC, VCC_USB
–0.3 to +4.0
V
VBATT power supply voltage
VBATT
–0.3 to +4.0
V
Input voltage (except for ports for 5 V tolerant*1)Vin
–0.3 to VCC + 0.3 (up to 4.0)
V
Input voltage (ports for 5 V tolerant*1)Vin
–0.3 to VCC + 4.0 (up to 5.8)
V
Reference power supply voltage
VREFH0
–0.3 to AVCC0 + 0.3 (up to 4.0)
V
Analog power supply voltage
AVCC0, AVCC1*2
–0.3 to +4.0
V
Analog input voltage
VAN
–0.3 to AVCC + 0.3 (up to 4.0)
V
Storage temperature
Tstg
–55 to +125
°C
Table 5.2
Recommended operating conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage*1
VCC
2.7
—
3.6
V
VSS
—
0
—
V
VBATT power supply voltage
VBATT
2.0
—
3.6
V
USB power supply voltage
VCC_USB
—
VCC
—
V
VSS_USB
—
0
—
V
Analog power supply voltage*1, *2
AVCC0
—
VCC
—
V
AVSS0
—
0
—
V
AVCC1
—
VCC
—
V
AVSS1
—
0
—
V
VREFH0
2.7
—
AVCC0
V
VREFL0
—
0
—
V
Input voltage (except for 5 V tolerant ports,
except for ports 03 to 05 and 40 to 47)*3
Vin
–0.3
—
VCC + 0.3
V
Input voltage (ports 03 to 05 and 40 to 47)
Vin
–0.3
—
AVCC + 0.3
V
Input voltage (5V tolerant ports 12 to 17, ports 20 and
21, ports 30 to 33, port 67, and ports C0 to C3)*4
Vin
–0.3
—
VCC + 3.6 (up to 5.5)
V
Input voltage (5V tolerant port 7)
Vin
–0.3
—
AVCC + 3.6 (up to 5.5)
V
Operating temperature
Topr
–40
—
85
°C
Operating temperature (high-temperature products)
Topr
–40
—
105 (Under planning)
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com