Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56519FDFP Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 104Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 105Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 106Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 107Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 108Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 109Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 110Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 111Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 108 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
000D 0050h
SCI10
Receive Data Register H
RDRH
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0051h
SCI10
Receive Data Register L
RDRL
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0050h
SCI10
Receive Data Register HL
RDRHL
16
16
5, 6 PCLKA
1 to 3 ICLK
SCIi
000D 0050h
SCI10
Receive FIFO Data Register
FRDR.H
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0051h
SCI10
Receive FIFO Data Register
FRDR.L
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0050h
SCI10
Receive FIFO Data Register
FRDR
16
16
5, 6 PCLKA
1 to 3 ICLK
SCIi
000D 0052h
SCI10
Modulation Duty Register
MDDR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0053h
SCI10
Data Comparison Control Register
DCCR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0054h
SCI10
FIFO Control Register
FCR.H
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0055h
SCI10
FIFO Control Register
FCR.L
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0054h
SCI10
FIFO Control Register
FCR
16
16
5, 6 PCLKA
1 to 3 ICLK
SCIi
000D 0056h
SCI10
FIFO Data Count Register
FDR.H
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0057h
SCI10
FIFO Data Count Register
FDR.L
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0056h
SCI10
FIFO Data Count Register
FDR
16
16
5, 6 PCLKA
1 to 3 ICLK
SCIi
000D 0058h
SCI10
Line Status Register
LSR.H
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0059h
SCI10
Line Status Register
LSR.L
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0058h
SCI10
Line Status Register
LSR
16
16
5, 6 PCLKA
1 to 3 ICLK
SCIi
000D 005Ah
SCI10
Comparison Data Register
CDR.H
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 005Bh
SCI10
Comparison Data Register
CDR.L
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 005Ah
SCI10
Comparison Data Register
CDR
16
16
5, 6 PCLKA
1 to 3 ICLK
SCIi
000D 005Ch
SCI10
Serial Port Register
SPTR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0060h
SCI11
Serial Mode Register
SMR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0061h
SCI11
Bit Rate Register
BRR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0062h
SCI11
Serial Control Register
SCR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0063h
SCI11
Transmit Data Register
TDR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0064h
SCI11
Serial Status Register
SSR/
SSRFIFO
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0065h
SCI11
Receive Data Register
RDR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0066h
SMCI11 Smart Card Mode Register
SCMR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0067h
SCI11
Serial Extended Mode Register
SEMR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0068h
SCI11
Noise Filter Setting Register
SNFR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0069h
SCI11
I2C Mode Register 1
SIMR1
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 006Ah
SCI11
I2C Mode Register 2
SIMR2
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 006Bh
SCI11
I2C Mode Register 3
SIMR3
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 006Ch
SCI11
I2C Status Register
SISR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 006Dh
SCI11
SPI Mode Register
SPMR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 006Eh
SCI11
Transmit Data Register H
TDRH
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 006Fh
SCI11
Transmit Data Register L
TDRL
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 006Eh
SCI11
Transmit Data Register HL
TDRHL
16
16
5, 6 PCLKA
1 to 3 ICLK
SCIi
000D 006Eh
SCI11
Transmit FIFO Data Register
FTDR.H
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 006Fh
SCI11
Transmit FIFO Data Register
FTDR.L
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 006Eh
SCI11
Transmit FIFO Data Register
FTDR
16
16
5, 6 PCLKA
1 to 3 ICLK
SCIi
000D 0070h
SCI11
Receive Data Register H
RDRH
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0071h
SCI11
Receive Data Register L
RDRL
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0070h
SCI11
Receive Data Register HL
RDRHL
16
16
5, 6 PCLKA
1 to 3 ICLK
SCIi
000D 0070h
SCI11
Receive FIFO Data Register
FRDR.H
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0071h
SCI11
Receive FIFO Data Register
FRDR.L
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0070h
SCI11
Receive FIFO Data Register
FRDR
16
16
5, 6 PCLKA
1 to 3 ICLK
SCIi
000D 0072h
SCI11
Modulation Duty Register
MDDR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
000D 0073h
SCI11
Data Comparison Control Register
DCCR
8
8
3, 4 PCLKA
1, 2 ICLK
SCIi
Table 4.1
List of I/O Registers (Address Order) (54 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com