Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2240 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 42Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 43Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 44Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 45Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 46Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 47Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 48Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 49Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 147 page
background image
Rev. 1.10
46 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
Special Function Registers
To ensure successful operation of the microcontroller, certain internal registers, known as Special
Function Registers or SFRs for short, are implemented in the Data Memory area. These registers
ensure correct operation of internal functions such as timers, interrupts, etc., as well as external
functions such as I/O data control. The SFRs are located at the address range 80H to FFH in the
upper section and are addressed directly. All can be addressed by byte but some are also bit-
addressable. The following table shows the SFR register list. Note that some of the registers are
defined by standard 8051 protocol while others are defined by Holtek.
Special Function Register Map
High 5-bit
Address
Low 3-bit Address
0H
1H
2H
3H
4H
5H
6H
7H
F8h
FMCR
FMKEY
FMAR0
FMAR1
FMAR�
FMDR
T�CON1
RSTSRC
F0h
B
ADCR0
ADCR1
ADCR�
ADPGA
ADRL
ADRH
SRST
E8h
—
—
LVRCR
LVDCR
SCCR
—
LSOCR
HSOCR
E0h
ACC
—
FMSR
—
IP1
IP1H
IP�
IP�H
D8h
—
—
—
—
—
—
—
HFSCR
D0h
PSW
—
—
—
—
PRM
—
—
C8h
T�CON
IEN�
CRCL
CRCH
TL�
TH�
IP�
IP�H
C0h
IRCON
CCEN
CCL1
CCH1
—
—
—
—
B8h
IP0
IP0H
—
—
—
—
—
IRCON�
B0h
P�
—
TBCR
—
—
—
P�M0
P�M1
A8h
IEN0
IEN1
—
—
—
—
P�M0
P�M1
A0h
P�
—
—
—
SRCR
—
P1M0
P1M1
98h
—
—
IEN�
—
—
—
P0M0
P0M1
90h
P1
P0WAKE
DPS
DPC
—
—
WDTCR
—
88h
TCON
TMOD
TL0
TL1
TH0
TH1
—
TMPRE
80h
P0
SP
DPL
DPH
DPL1
DPH1
WDTREL
PCON
Notes: “—”: �nimp�emented
Most of the Special Function Registers will be described in detail under the function that they
are related to. In this section a register description is provided for those registers which are not
described elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com