Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2240 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 27Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 28Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 29Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 30Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 31Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 32Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 33Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 34Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 147 page
background image
Rev. 1.10
�1 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
FMCR Register – Flash Program Memory Control Register
SFR Address: F8h
Bit
7
6
5
4
3
2
1
0
Name
FMCR.7
FMCR.6
—
—
—
FMCR.�
FMCR.1
FMCR.0
R/W
R/W
R/W
—
—
—
R/W
R/W
R/W
POR
0
1
—
—
—
0
0
0
Bit 7
FMCR.7: Flash Memory Read/Write/Erase enable control bit
0: Disable
1: Enable
As this bit is cleared automatically by hardware soon after a command is initiated, when
the MCU reads this bit it will always obtain a zero value.
Bit 6
FMCR.6: Flash Memory Byte Write/Page Erase control bit
0: For an un-written byte with a value of 0xFF within a page, a write operation is
allowed. But for those written bytes with any values except for 0xFF, a re-write
operation is prohibited to avoid Flash errors. The writing time is shorter.
1: Before the main program executes a byte write operation, a page erase operation
is automatically executed. Any location within the page is then rewritable, but the
write time is longer. Note that each of the security bytes 00h~1Fh in the ID block
page 0 can only be written once, the only method to release the protected bytes is
by “ICP Whole Chip Erase”.
Bit 5~3
Unimplemented, read as “0”.
Bit 2
FMCR.2: Flash Memory Page Erase control bit
0: Disable
1: Enable
This bit should be cleared using the application program.
Bit 1
FMCR.1: Flash Memory Byte Read control bit
0: Disable
1: Enable
This bit should be cleared using the application program.
Bit 0
FMCR.0: Flash Memory Byte Write control bit
0: Disable
1: Enable
This bit should be cleared using the application program.
Note that the valid combinations for FMCR.2~FMCR.0 are 100, 010 and 001, all other combinations
should be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com