Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2240 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 20Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 21Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 22Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 23Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 24Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 25Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 26Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 27Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 147 page
background image
Rev. 1.10
�4 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
12 PoweronResetElectricalCharacteristics
Ta=��°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Start Vo�tage to ens�re Power-on Reset
—
—
—
—
100
mV
RRPOR
VDD Rising Rate to ens�re Power-on Reset
—
—
0.0��
—
—
V/ms
tPOR
Minim�m Time for VDD sta�s at VPOR to ens�re
Power-on Reset
—
—
1
—
—
ms
Ti me
V DD
V PO R
RR VD D
t PO R
13 System Architecture
A key factor in the high-performance features of the Holtek range of microcontrollers is attributed
to their internal system architecture. The range of devices take advantage of the usual features
found within 8051-based microcontrollers providing increased speed of operation and enhanced
performance. The pipelining scheme is implemented in such a way that instruction fetching and
instruction execution are overlapped, hence most instructions are effectively executed in one clock
cycle, with the exception of branch or call instructions. Compared with classic MCU architecture,
the 8051-based core runs at a much higher speed and with greatly reduced power consumption. An
8-bit wide ALU is used in practically all operations of the 8051 compatible instruction set. It carries
out arithmetic operations, logic operations, rotation, increment, decrement, branch decisions, etc.
The internal data path is simplified by moving data through the Accumulator and the ALU. Certain
internal registers are implemented in the Data Memory and can be directly or indirectly addressed.
The simple addressing methods of these registers along with additional architectural features
ensure that a minimum of external components is required to provide a functional I/O and A/D
control system with maximum reliability and flexibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com