Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2240 Datasheet(PDF) 98 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 98 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 94Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 95Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 96Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 97Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 98Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 99Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 100Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 101Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 102Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 147 page
background image
Rev. 1.10
98 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
These registers operate as pairs, for example P0M0 and P0M1, to select the operating mode for
each I/O pin. The following table shows how the PnM0 and PnM1 bits are used to select the I/O
operating mode.
PnM0.m
PnM1.m
Configuration of Port n.m
0
0
Q�asi-bidirectiona�
0
1
P�sh-P��� O�tp�t
1
0
Inp�t-On�� – High Impedance Inp�t
1
1
Open-Drain O�tp�t
Note: n=0~� which se�ects Port 0 to Port �
m=0~7 which se�ects the port pin
P0WAKE Register – Port 0 Wake-up
P0WAKE Register
SFR Address: 91h
Bit
7
6
5
4
3
2
1
0
Name
P07WU
P06WU
P0�WU
P04WU
P0�WU
P0�WU
P01WU
P00WU
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~0
P0WAKE: Port 0 bit 7 ~ bit 0 Wake-up Control
0: Disable
1: Enable
When the device enters the IDLE or Power-Down Mode, the system clock will stop resulting in
power being conserved, a feature that is important for battery and other low-power applications.
Various methods exist to wake-up the microcontroller, one of which is to change the logic condition
on one of the P0.0~P0.7 pins to a low level. Note that the Port 0 wake-up functions are triggered
by a low logic level and not by a falling edge. This Port 0 wake-up function is especially suitable
for applications that can be woken up via external switches. The P0 wake up pins can be selected
individually to have this wake-up feature using the P0WAKE register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com