Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2240 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 14Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 15Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 16Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 17Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 18Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 19Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 20Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 21Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 147 page
background image
Rev. 1.10
18 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
Pin Name
Function
OPT
I/T
O/T
Description
P�.1/CC1/AIN�
P�.1
P�M0
P�M1
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode.
CC1
PRM
ST
CMOS Compare/Capt�re inp�t/o�tp�t for PCA mod��e 1
AIN�
ADCR�
AN
—
ADC Inp�t Channe� �
P�.�/INT0
P�.�
P�M0
P�M1
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode.
INT0
IEN0
TCON
ST
—
Externa� Interr�pt 0 Inp�t
P�.�/INT1/VREF
P�.�
P�M0
P�M1
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode.
INT1
IEN0
TCON
ST
—
Externa� Interr�pt 1 Inp�t
VREF
ADCR1
AN
—
Reference Vo�tage for ADC
P�.4/T0/AIN1
P�.4
P�M0
P�M1
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode.
T0
—
ST
—
Timer 0 Externa� Inp�t
AIN1
ADCR�
AN
—
ADC Inp�t Channe� 1
P�.�/T1/AIN�
P�.�
P�M0
P�M1
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode.
T1
—
ST
—
Timer 1 Externa� Inp�t
AIN�
ADCR�
AN
—
ADC Inp�t Channe� �
P�.6/T�/AIN�
P�.6
P�M0
P�M1
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode.
T�
—
ST
—
Timer � Externa� Inp�t
AIN�
ADCR�
AN
—
ADC Inp�t Channe� �
P�.7/T�EX/AIN4
P�.7
P�M0
P�M1
ST
CMOS Genera� p�rpose I/O. Register se�ected I/O mode.
T�EX
—
ST
—
Timer � capt�re trigger
AIN4
ADCR�
AN
—
ADC Inp�t Channe� 4
RESET/ICPCK/
TCK
RESET
—
ST
—
Reset pin
ICPCK
—
ST
—
ICP C�ock Inp�t
TCK
—
ST
—
Deb�g C�ock Inp�t� on�� for EV chip
VDD
VDD
—
PWR
—
Positive Power s�pp�� for CORE
VSS
VSS
—
PWR
—
Negative Power s�pp��
Note: I/T: Inp�t t�pe;
O/T: O�tp�t t�pe
OPT: Optiona� b� register option
PWR: Power;
ST: Schmitt Trigger inp�t
CMOS: CMOS o�tp�t;
AN: Ana�og inp�t pin
HXT: high freq�enc� cr�sta� osci��ator
Where devices exist in more than one package type the table reflects the situation for the package with the
largest number of pins. For this reason not all pins described in the table may exist on all package types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com