Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2240 Datasheet(PDF) 73 Page - Holtek Semiconductor Inc

Part # HT85F2240
Description  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 Datasheet(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 69Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 70Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 71Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 72Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 73Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 74Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 75Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 76Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 77Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 147 page
background image
Rev. 1.10
7� of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
SRST Register Software Reset
A software reset will be generated after two consecutive instructions to write a high value to the
SRSTREQ bit in the SRST register. The same bit can be used to identify the reset source.
SRST Register
SFR Address: F7h
Bit
7
6
5
4
3
2
1
0
Labe�
—
—
—
—
—
—
—
SRSTREQ
R/W
—
—
—
—
—
—
—
R/W
POR
—
—
—
—
—
—
—
0
Bit 7~1
Unimplemented, read as “0”
Bit 0
SRSTREQ: Software reset request.
Writing a ‘0’ value to this bit will have no effect.
A single ‘1’ value write to this bit will have no effect.
Two consecutive ‘1’ value writes to this bit will generate a software reset.
Reading this bit can indicate the last reset source:
0: No software reset
1: Software reset
This bit must be cleared by the application program as it will not be automatically
cleared by hardware.
WDTCR Register Software Reset
A WDTCR software reset will be generated when a value other than “10101” or “01010”, exist in
the highest five bits of the WDTCR register. The WRF bit in the RSTSRC register will be set high
when this occurs, thus indicating the generation of a WDTCR software reset.
WDTCR Register
SFR Address: 96h
Bit
7
6
5
4
3
2
1
0
Name
WE4
WE�
WE�
WE1
WE0
—
—
WDTCS
R/W
R/W
R/W
R/W
R/W
R/W
—
—
R/W
POR
0
1
0
1
0
—
—
0
Bit 7~ 3
WE4 ~ WE0: WDT function software control
10101: Disable
01010: Enable - default
Other values: Reset MCU
If the MCU reset is caused by WE[4:0] in WDTC software reset, the WRF flag of
RSTSRC register will be set.
Bit 2~1
Unimplemented, read as “0”
Bit 0
WDTCS: Watchdog clock (fWDT) selection
Described elsewhere



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com